Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCANLP1004 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # LCANLP1004
Description  600-960 MHz / 1710-2700 MHz / 3300-3800 MHz, 7 / 9 / 11 dBi, MIMO Log Periodic Antenna, High Gain, V/H-pol, 2 x Type N Female Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANLP1004 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  LCANLP1004 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANLP1004 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANLP1004 Datasheet HTML 3Page - Infinite Electronics International, Inc. LCANLP1004 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
LCANLP1004 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
600-960 MHz / 1710-2700 MHz / 3300-3800 MHz, 7 / 9 / 11 dBi, MIMO
Log Periodic Antenna, High Gain, V/H-pol, 2 x Type N Female Connector
LCANLP1004
Input VSWR
2:1
2.5:1
Impedance
50
Ohms
Gain
7
11
dBi
Input Power
50
Watts
.
Specifications by Band
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Range
0.6 to 0.96
1.71 to 2.7
3.3 to 3.8
GHz
Gain
7
9
11
dBi
Horizontal HPBW
85
65
55
Degrees
Vertical HPBW
65
50
45
Degrees
Front to Back Ratio
15
18
20
dB
VSWR Max
2.5:1
2.5:1
2:1
Maximum Input Power
50
50
50
Watts
.
e
Mechanical Specifications
Radome Material
ABS
Size
Length
18.11 in [459.99 mm]
Width
10.24 in [260.1 mm]
Height
10.24 in [260.1 mm]
Mounting Mast Diameter
1.57 to 1.97 in [39.88 to 50.04 mm]
Weight
2.3 lbs [1.04 kg]
Environmental Specifications
Temperature
Operating Range
-40 to +70 deg C
Wind Survivability
150 MPH [241.4 KPH]
Wind Loading
23.5 lbs at 100 MPH
36.2 lbs at 125 MPH
Humidity
5 to 95
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com