Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCANLP1010 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # LCANLP1010
Description  3400 MHz - 3600 MHz, 14 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANLP1010 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  LCANLP1010 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANLP1010 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANLP1010 Datasheet HTML 3Page - Infinite Electronics International, Inc. LCANLP1010 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
LCANLP1010 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
3400 MHz - 3600 MHz, 14 dBi, Log Periodic Antenna,
High Gain, V-pol, Type N Female connector
LCANLP1010
Input Power
100
Watts
.
Specifications by Band
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Range
3.4 to 3.6
GHz
Gain
14
dBi
Horizontal HPBW
30
Degrees
Vertical HPBW
27
Degrees
Front to Back Ratio
16
dB
VSWR Max
1.5:1
Maximum Input Power
100
Watts
.
e
Mechanical Specifications
Radome Material
ABS
Size
Length
16.53 in [419.86 mm]
Width
18.9 in [480.06 mm]
Height
11 in [279.4 mm]
Weight
8.8 lbs [3.99 kg]
Environmental Specifications
Temperature
Operating Range
-40 to +65 deg C
Wind Survivability
130.5 MPH [210.02 KPH]
Wind Loading
23.5 lbs at 100 MPH
36.2 lbs at 125 MPH
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
3400 MHz - 3600 MHz, 14 dBi, Log Periodic Antenna, High Gain, V-pol, Type N Female connector from L-com has same day shipment
for domestic and International orders. Our portfolio includes coaxial cable assemblies, connectors, adapters and custom products as
well as lightning and surge protectors, NEMA rated enclosures, and an RF product line which includes antennas, amplifiers, passive,



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com