Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WR128EB80ZB6T Datasheet(PDF) 64 Page - STMicroelectronics

Part # M58WR128EB80ZB6T
Description  128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR128EB80ZB6T Datasheet(HTML) 64 Page - STMicroelectronics

Back Button M58WR128EB80ZB6T Datasheet HTML 60Page - STMicroelectronics M58WR128EB80ZB6T Datasheet HTML 61Page - STMicroelectronics M58WR128EB80ZB6T Datasheet HTML 62Page - STMicroelectronics M58WR128EB80ZB6T Datasheet HTML 63Page - STMicroelectronics M58WR128EB80ZB6T Datasheet HTML 64Page - STMicroelectronics M58WR128EB80ZB6T Datasheet HTML 65Page - STMicroelectronics M58WR128EB80ZB6T Datasheet HTML 66Page - STMicroelectronics M58WR128EB80ZB6T Datasheet HTML 67Page - STMicroelectronics M58WR128EB80ZB6T Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 87 page
background image
M58WR128ET, M58WR128EB
64/87
Table 37. Device Geometry Definition
Offset Word
Mode
Data
Description
Value
27h
0018h
Device Size = 2n in number of Bytes
16 MBytes
28h
29h
0001h
0000h
Flash Device Interface Code description
x16
Async.
2Ah
2Bh
0003h
0000h
Maximum number of bytes in multi-byte program or page = 2n
8 Byte
2Ch
0002h
Number of identical sized erase block regions within the device
bit 7 to 0 = x = number of Erase Block Regions
2
2Dh
2Eh
00FEh
0000h
Region 1 Information
Number of identical-size erase blocks = 00FEh+1
255
2Fh
30h
0000h
0001h
Region 1 Information
Block size in Region 1 = 0100h * 256 byte
64 KByte
31h
32h
0007h
0000h
Region 2 Information
Number of identical-size erase blocks = 0007h+1
8
33h
34h
0020h
0000h
Region 2 Information
Block size in Region 2 = 0020h * 256 byte
8 KByte
35h
38h
Reserved
Reserved for future erase block region information
NA
2Dh
2Eh
0007h
0000h
Region 1 Information
Number of identical-size erase block = 0007h+1
8
2Fh
30h
0020h
0000h
Region 1 Information
Block size in Region 1 = 0020h * 256 byte
8 KByte
31h
32h
00FEh
0000h
Region 2 Information
Number of identical-size erase block = 00FEh+1
255
33h
34h
0000h
0001h
Region 2 Information
Block size in Region 2 = 0100h * 256 byte
64 KByte
35h
38h
Reserved
Reserved for future erase block region information
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com