Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M41T93 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus RTC with battery switchover
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M41T93 Datasheet HTML 6Page - STMicroelectronics M41T93 Datasheet HTML 7Page - STMicroelectronics M41T93 Datasheet HTML 8Page - STMicroelectronics M41T93 Datasheet HTML 9Page - STMicroelectronics M41T93 Datasheet HTML 10Page - STMicroelectronics M41T93 Datasheet HTML 11Page - STMicroelectronics M41T93 Datasheet HTML 12Page - STMicroelectronics M41T93 Datasheet HTML 13Page - STMicroelectronics M41T93 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Description
M41T93
10/51
Figure 5.
Hardware hookup
1.
Open drain output
2.
CPOL (Clock Polarity) and CPHA (Clock Phase) are bits that may be set in the SPI Control Register of the MCU.
Figure 6.
Data and clock timing
AI11822
VCC
Reset Input
(ST6, ST7, ST9, ST10, Others)
SCL
(2)
SPI Interface with
(CPOL, CPHA) =
(0,0) or (1,1)
SDI
SDO
CS
32kHz CLKIN
XO
XI
M41T93
MCU
VSS
VBAT
IRQ/FT/OUT
(1)
RST
(1)
SDI
SQW
SDO
SCL
VCC
INT
E
VCC
Table 2.
Function table
Mode
E
SCL
SDI
SDO
Disable Reset
H
Input Disabled
Input disabled
High Z
WRITE
L
Data bit latch
High Z
READ
L
X
Next data bit shift(1)
1.
SDO remains at High Z until eight bits of data are ready to be shifted out during a READ.
AI04630
AI04631
AI04632
C
C
MSB
LSB
CPHA
SDI
0
1
CPOL
0
1
MSB
LSB
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com