Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68AW512DZB Datasheet(PDF) 15 Page - STMicroelectronics

Part # M68AW512DZB
Description  8 Mbit 512K x16 3.0V Asynchronous SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW512DZB Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M68AW512DZB Datasheet HTML 10Page - STMicroelectronics M68AW512DZB Datasheet HTML 11Page - STMicroelectronics M68AW512DZB Datasheet HTML 12Page - STMicroelectronics M68AW512DZB Datasheet HTML 13Page - STMicroelectronics M68AW512DZB Datasheet HTML 14Page - STMicroelectronics M68AW512DZB Datasheet HTML 15Page - STMicroelectronics M68AW512DZB Datasheet HTML 16Page - STMicroelectronics M68AW512DZB Datasheet HTML 17Page - STMicroelectronics M68AW512DZB Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15/18
M68AW512D
PACKAGE MECHANICAL
Figure 15. TFBGA48 8x10mm - 6x8 ball array, 0.75 mm pitch, Bottom View Package Outline
Note: Drawing is not to scale.
Table 10. TFBGA48 8x10mm - 6x8 ball array, 0.75 mm pitch, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
1.200
0.0472
A1
0.260
0.0102
A2
0.900
0.0354
b
0.350
0.450
0.0138
0.0177
D
8.000
7.900
8.100
0.3150
0.3110
0.3189
D1
3.750
–
–
0.1476
–
–
ddd
0.100
0.0039
E
10.000
9.900
10.100
0.3937
0.3898
0.3976
E1
5.250
–
–
0.2067
–
–
e
0.750
–
–
0.0295
–
–
FD
2.125
–
–
0.0837
–
–
FE
2.375
–
–
0.0935
–
–
SD
0.375
–
–
0.0148
–
–
SE
0.375
–
–
0.0148
–
–
E1
E
D1
D
eb
SD
SE
BGA-Z28
ddd
BALL "A1"
FD
FE
A2
A1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com