Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

J.21 Datasheet(PDF) 1 Page - FACOM. All rights reserved.

Part # J.21
Description  J - 3/8" metric 12-point sockets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FACOM [FACOM. All rights reserved.]
Direct Link  https://www.facom.com/
Logo FACOM - FACOM. All rights reserved.

J.21 Datasheet(HTML) 1 Page - FACOM. All rights reserved.

  J.21 Datasheet HTML 1Page - FACOM. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
© FACOM 2020
J.21 | J - 3/8" metric 12-point sockets
Standards:
NF ISO 2725-1, NF ISO 1711-1,
ISO 2725-1, ISO 1711-1, DIN
3124, ASME B107.5
Description:
● OGV® profile: more powerful
tightening, preserves fasteners.
● Finish: bright chrome.
J.21
A [mm]
21.0
Diameter [mm]
23.5
Diameter D1 [mm]
28.5
Length L [mm]
33.0
Length L1 [mm]
16.0
12-Point [mm]
12.0
Weight [g]
75.0


Similar Part No. - J.21

ManufacturerPart #DatasheetDescription
logo
FACOM. All rights reser...
J.210 FACOM-J.210 Datasheet
35Kb / 1P
Facom Accessories
J.210 FACOM-J.210 Datasheet
35Kb / 1P
Facom Accessories
J.215 FACOM-J.215 Datasheet
35Kb / 1P
Facom Accessories
J.215 FACOM-J.215 Datasheet
35Kb / 1P
Facom Accessories
J.217 FACOM-J.217 Datasheet
35Kb / 1P
Facom Accessories
More results

Similar Description - J.21

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-000-0030070 ITT-050-000-0030070 Datasheet
52Kb / 2P
12-POINT CENTER PIN CRIMP TOOL
logo
Elektron Components Ltd...
SA2403 BULGIN-SA2403 Datasheet
57Kb / 1P
Plugs and Sockets (3 & 4 pole)
logo
Freescale Semiconductor...
MMA8452Q FREESCALE-MMA8452Q Datasheet
494Kb / 47P
3-Axis, 12-bit/8-bit Digital Accelerometer
logo
Grayhill, Inc
22-16-2 GRAYHILL-22-16-2 Datasheet
36Kb / 1P
Sockets
logo
List of Unclassifed Man...
W5500 ETC2-W5500 Datasheet
2Mb / 65P
Supports 8 independent sockets simultaneously
60213 ETC2-60213 Datasheet
191Kb / 1P
Wiha Quality Tools Wiha 3/8 Sockets & Sets
SF-3012 ETC2-SF-3012 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Vaishali Semiconductor
SD12-PC VAISH-SD12-PC Datasheet
119Kb / 1P
12 and 14 Pin Heavy Duty Sockets
logo
PHOENIX CONTACT
1014502 PHOENIX-1014502 Datasheet
61Kb / 3P
Connector - PRC 3-FC-MS6 8-12
logo
Littelfuse
OT08PC LITTELFUSE-OT08PC Datasheet
210Kb / 1P
SOCKETS
2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com