Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68Z128WN Datasheet(PDF) 3 Page - STMicroelectronics

Part # M68Z128WN
Description  3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68Z128WN Datasheet(HTML) 3 Page - STMicroelectronics

  M68Z128WN Datasheet HTML 1Page - STMicroelectronics M68Z128WN Datasheet HTML 2Page - STMicroelectronics M68Z128WN Datasheet HTML 3Page - STMicroelectronics M68Z128WN Datasheet HTML 4Page - STMicroelectronics M68Z128WN Datasheet HTML 5Page - STMicroelectronics M68Z128WN Datasheet HTML 6Page - STMicroelectronics M68Z128WN Datasheet HTML 7Page - STMicroelectronics M68Z128WN Datasheet HTML 8Page - STMicroelectronics M68Z128WN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
M68Z128W
OPERATIONAL MODE
The M68Z128W has a Chip Enable power down
feature which invokes an automatic standby mode
whenever either Chip Enable is de-asserted (E1 =
High or E2 = Low). An Output Enable (G) signal
provides a high speed tri-state control, allowing
fast read/write cycles to be achieved with the com-
mon I/O data bus. Operational modes are deter-
mined by device control inputs W, E1, and E2 as
summarized in the Operating Modes table.
Table 3. Operating Modes
Note: 1. X = VIH or VIL.
Operation
E1
E2
W
G
DQ0-DQ7
Power
Read
VIL
VIH
VIH
VIH
Hi-Z
Active
Read
VIL
VIH
VIH
VIL
Data Output
Active
Write
VIL
VIH
VIL
X
Data Input
Active
Deselect
VIH
XX
X
Hi-Z
Standby
Deselect
X
VIL
X
X
Hi-Z
Standby
Table 4. AC Measurement Conditions
Note: Output Hi-Z is defined as the point where data is no longer
driven.
Input Rise and Fall Times
≤ 15ns
Input Pulse Voltages
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
Figure 3. AC Testing Load Circuit
AI00697
3.3V
OUT
CL = 50pF or 5pF
CL includes JIG capacitance
1213
Ω
DEVICE
UNDER
TEST
1378
Ω
Table 5. Capacitance (1) (TA = 25 °C, f = 1 MHz)
Note: 1. Sampled only, not 100% tested.
2. Outputs deselected.
Symbol
Parameter
Test
Condition
Min
Max
Unit
CIN
Input Capacitance on all pins (except DQ)
VIN = 0V
6pF
COUT
(2)
Output Capacitance
VOUT = 0V
8pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com