Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO6010CST5 Datasheet(PDF) 11 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO6010CST5
Description  High-Efficiency 1.5MHz, 1A Continuous, 1.5A Peak Output Synchronous Step Down Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO6010CST5 Datasheet(HTML) 11 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO6010CST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO6010CST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO6010CST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO6010CST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO6010CST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO6010CST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO6010CST5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO6010CST5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO6010CST5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DIO6010
www.dioo.com
© 2021 DIOO MICROCIRCUITS CO., LTD
DIO6010• Rev. 1.6
Physical Dimensions: DFN2*2-6
COMMON DIMENSIONS
(UNITS OF MEASURE=MILLIMETER)
Symbol
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A2
0.50
0.55
0.60
A3
0.20REF
b
0.20
-
0.35
D
1.90
2.00
2.10
E
1.90
2.00
2.10
D2
0.70
0.80
0.90
E2
1.20
1.40
1.60
e
0.55
0.65
0.75
H
0.20REF
K
0.20
-
-
L
0.30
0.35
0.40
R
0.11
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com