Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M7040N Datasheet(PDF) 31 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 27Page - STMicroelectronics M7040N Datasheet HTML 28Page - STMicroelectronics M7040N Datasheet HTML 29Page - STMicroelectronics M7040N Datasheet HTML 30Page - STMicroelectronics M7040N Datasheet HTML 31Page - STMicroelectronics M7040N Datasheet HTML 32Page - STMicroelectronics M7040N Datasheet HTML 33Page - STMicroelectronics M7040N Datasheet HTML 34Page - STMicroelectronics M7040N Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 159 page
background image
31/159
M7040N
Table 18. Command Parameters
Note: 1. Use only CMD[8:0] and connect the CMD[10:9] to ground with CFG_L low.
2. For a description of CMD[9] and CMD[2] see subsections on search 288-bit configured tables and mixed-size searches with CFG_L
high.
3. The 288-bit-configured devices or 288-bit-configured quadrants within devices do not support the LEARN Instruction.
Cmd(1, 2)
Cyc
10
9
8
7
6
5
4
3
2
1
0
READ
AX
X
SADR
[23]
SADR
[22]
SADR
[21]
00
0
0 = Single
1 = Burst
00
BX
X
0
0
0
0
0
0
0 = Single
1 = Burst
00
WRITE
A
Global
Mask
Register
Index [3]
0 Normal
WRITE
1 Parallel
WRITE
SADR
[23]
SADR
[22]
SADR
[21]
Global Mask
Register
Index [2:0]
0 = Single
1 = Burst
01
B
Global
Mask
Register
Index [3]
0 Normal
WRITE
1 Parallel
WRITE
00
0
Global Mask
Register
Index [2:0]
0 = Single
1 = Burst
01
SEARCH
A
Global
Mask
Register
Index [3]
72-bit: 0
144-bit: 1
288-bit:X
SADR
[23]
SADR
[22]
SADR
[21]
Global Mask
Register
Index [2:0]
72-bit or
144-bit: 0
288-bit:
1 in 1st Cycle
0 in 2nd Cycle
10
BX
Successful SEARCH Register
Index[2:0]
Comparand Register Index
1
0
LEARN
(3)
AX
X
SADR
[23]
SADR
[22]
SADR
[21]
Comparand Register Index
1
1
BX
X
0
0
Mode
0: 72-bit
1: 144-bit
Comparand Register Index
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com