Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS2N9MM-2.5 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # CS2N9MM-2.5
Description  OUTLINE DRAWING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

CS2N9MM-2.5 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  CS2N9MM-2.5 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4X .130±.010
LENGTH
FSCM NO.
A
B
C
D
NONE
MAY VARY
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
NORTH ANDOVER, MA
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
OUTLINE DRAWING
A
B
C
D
1
2
3
4
5
6
7
8
CS2N9MM-2.5-OD1
E
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
.SLDDRW
1
1
TJC
11/27/01
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
DFP
RC
9/28/01
10/4/01
2/21/03
B
C
REVISED DRAWING FORMAT, ADDED DIMENSIONS (ECN# 1261)
CHANGED COLOR OF CONNECTOR INSULATORS TO BLACK (ECN# 1334)
3/21/03
T CLARK
T CLARK
D
ECN1966: 500 VAC WAS 1500VAC
2/2/05
DFP
CS2N9MM-2.5-OD1
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
300" ±5%
>300" ±2%
DRAWING TITLE
PRODUCT DESCRIPTION
PREMIUM DATA CABLE ASSEMBLY
≤
≤
≤
≤
CABLE LENGTH TOLERANCE
.05
.XXX
J. KIEZULAS
9/7/05
ECN 2194: CHANGED INSTRUCTION SHEET AND CABLE SPECIFICATION
E
.005
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES
TOLERANCES ARE:
.X
.1
.XX
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
43321
4X THUMBSCREW
(REFERENCE L-COM CABLE SPECIFICATION CS2N-LCS)
SPECIFICATIONS:
WIRING: STRAIGHT THROUGH, PIN TO PIN, ALL PINS.
SHIELD:
DRAIN WIRE TIED TO CONNECTOR SHELLS
ELECTRICAL:
VOLTAGE RATING:
30V
DIELECTRIC STRENGTH: 500VAC
MATERIALS:
CONNECTORS:
INSULATORS: THERMOPLASTIC, UL 94V-0, BLACK
CONTACTS: COPPER ALLOY, GOLD OVER NICKEL
SHELLS: STEEL, TIN PLATED
HOOD MOLDINGS:
PVC, LIGHT GRAY
INTERNAL SHIELD:
(360 ) STEEL BOX SHIELD OVER PRE-MOLD
SOLDERED TO D-SUB SHELL
CABLE: U.L. STYLE 2919 9 CONDUCTORS 26 AWG STRANDED TINNED COPPER
OVERALL SHIELD: ALUMINIZED POLYESTER WITH DRAIN WIRE (100%) PLUS
TINNED COPPER BRAID SHIELD
JACKET: PVC, LIGHT GRAY
HARDWARE: 4-40 THREAD, STEEL OR BRASS, NICKEL PLATED
2X MALE 9-PIN
D-SUB CONNECTOR
.59
1.30
E
MODEL
LENGTH
NUMBER
(FEET)
(METERS )
CS 2N9MM-2.5
2.5
0.76
CS 2N9MM-5
5.0
1.52
CS 2N9MM-6
6.0
1.83
CS 2N9MM-10
10.0
3.05
CS 2N9MM-12
12.0
3.66
CS 2N9MM-15
15.0
4.57
CS 2N9MM-25
25.0
7.62
CS 2N9MM-50
50.0
15.24


Similar Part No. - CS2N9MM-2.5

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
CS2N100A3R THINKISEMI-CS2N100A3R Datasheet
697Kb / 1P
THINKISEMI 1000V/1200V/1500V N-Channel Power MOSFETs
CS2N100A4R THINKISEMI-CS2N100A4R Datasheet
697Kb / 1P
THINKISEMI 1000V/1200V/1500V N-Channel Power MOSFETs
logo
Infinite Electronics In...
CS2N25MF-10 L-COM-CS2N25MF-10 Datasheet
83Kb / 1P
OUTLINE DRAWING
10/4/01
CS2N25MF-12 L-COM-CS2N25MF-12 Datasheet
83Kb / 1P
OUTLINE DRAWING
10/4/01
CS2N25MF-15 L-COM-CS2N25MF-15 Datasheet
83Kb / 1P
OUTLINE DRAWING
10/4/01
More results

Similar Description - CS2N9MM-2.5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSU10A40 ETC1-FSU10A40 Datasheet
115Kb / 5P
OUTLINE DRAWING
logo
M/A-COM Technology Solu...
OD-S-30 MA-COM-OD-S-30 Datasheet
392Kb / 3P
Outline Drawing
OD-S-31 MA-COM-OD-S-31 Datasheet
217Kb / 2P
Outline Drawing
OD-S-36 MA-COM-OD-S-36 Datasheet
99Kb / 1P
Outline Drawing
OD-S-111 MA-COM-OD-S-111 Datasheet
132Kb / 1P
Outline Drawing
OD-S-131 MA-COM-OD-S-131 Datasheet
92Kb / 1P
Outline Drawing
OD-S-137 MA-COM-OD-S-137 Datasheet
120Kb / 1P
Outline Drawing
OD-S-144 MA-COM-OD-S-144 Datasheet
113Kb / 1P
Outline Drawing
OD-S-150 MA-COM-OD-S-150 Datasheet
115Kb / 1P
Outline Drawing
OD-S-296 MA-COM-OD-S-296 Datasheet
131Kb / 1P
Outline Drawing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com