Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LCANLP1014 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # LCANLP1014
Description  698 - 960 MHz / 1710 - 2700 MHz / 3300 - 6000 MHz, 10 / 11 dBi, Log Periodic Antenna, Low PIM, V-pol, Type N Female connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

LCANLP1014 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  LCANLP1014 Datasheet HTML 1Page - Infinite Electronics International, Inc. LCANLP1014 Datasheet HTML 2Page - Infinite Electronics International, Inc. LCANLP1014 Datasheet HTML 3Page - Infinite Electronics International, Inc. LCANLP1014 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
LCANLP1014 REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 6000 MHz, 10 / 11 dBi,
Log Periodic Antenna, Low PIM, V-pol, Type N Female connector
LCANLP1014
Input VSWR
1.7:1
2:1
Impedance
50
Ohms
Gain
10
11
dBi
Horizontal Beamwidth
50
65
Degrees
Vertical Beamwidth
45
50
Degrees
Input Power
100
Watts
.
Specifications by Band
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Range
0.698 to 0.96
1.71 to 2.7
3.3 to 6
GHz
Gain
10
11
11
dBi
Horizontal HPBW
65
50
50
Degrees
Vertical HPBW
50
45
45
Degrees
VSWR Max
2:1
1.7:1
2:1
Maximum Input Power
100
100
100
Watts
.
e
Mechanical Specifications
Radome Material
ABS
Width
8.27 in [210.06 mm]
Height
16.14 in [409.96 mm]
Weight
2.2 lbs [997.9 g]
Environmental Specifications
Temperature
Operating Range
-40 to +60 deg C
Wind Survivability
150 MPH [241.4 KPH]
Wind Loading
23.5 lbs at 100 MPH
36.2 lbs at 125 MPH
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
698 - 960 MHz / 1710 - 2700 MHz / 3300 - 6000 MHz, 10 / 11 dBi, Log Periodic Antenna, Low PIM, V-pol, Type N Female connector
from L-com has same day shipment for domestic and International orders. Our portfolio includes coaxial cable assemblies, connectors,



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com