Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M59DR008F100N1T Datasheet(PDF) 21 Page - STMicroelectronics

Part # M59DR008F100N1T
Description  8 Mbit 512Kb x16, Dual Bank, Page Low Voltage Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59DR008F100N1T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M59DR008F100N1T Datasheet HTML 17Page - STMicroelectronics M59DR008F100N1T Datasheet HTML 18Page - STMicroelectronics M59DR008F100N1T Datasheet HTML 19Page - STMicroelectronics M59DR008F100N1T Datasheet HTML 20Page - STMicroelectronics M59DR008F100N1T Datasheet HTML 21Page - STMicroelectronics M59DR008F100N1T Datasheet HTML 22Page - STMicroelectronics M59DR008F100N1T Datasheet HTML 23Page - STMicroelectronics M59DR008F100N1T Datasheet HTML 24Page - STMicroelectronics M59DR008F100N1T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21/37
M59DR008E, M59DR008F
Table 25. Read AC Characteristics
(TA = 0 to 70°C or –40 to 85°C; VDD = VDDQ = 1.65V to 2.2V)
Note: 1. Sampled only, not 100% tested.
2. G may be delayed by up to tELQV - tGLQV after the falling edge of E without increasing tELQV.
Symbol
Alt
Parameter
Test Condition
M59DR008
Unit
100
120
Min
Max
Min
Max
tAVAV
tRC
Address Valid to Next
Address Valid
E = VIL, G = VIL
100
120
ns
tAVQV
tACC
Address Valid to Output
Valid (Random)
E = VIL, G = VIL
100
120
ns
tAVQV1
tPAGE
Address Valid to Output
Valid (Page)
E = VIL, G = VIL
35
45
ns
tELQX
(1)
tLZ
Chip Enable Low to Output
Transition
G = VIL
00
ns
tELQV
(2)
tCE
Chip Enable Low to Output
Valid
G = VIL
100
120
ns
tGLQX
(1)
tOLZ
Output Enable Low to
Output Transition
E = VIL
00
ns
tGLQV
(2)
tOE
Output Enable Low to
Output Valid
E = VIL
25
35
ns
tEHQX
tOH
Chip Enable High to Output
Transition
G = VIL
00
ns
tEHQZ
(1)
tHZ
Chip Enable High to Output
Hi-Z
G = VIL
25
35
ns
tGHQX
tOH
Output Enable High to
Output Transition
E = VIL
00
ns
tGHQZ
(1)
tDF
Output Enable High to
Output Hi-Z
E = VIL
25
35
ns
tAXQX
tOH
Address Transition to
Output Transition
E = VIL, G = VIL
00
ns
tPHQ7V1
RP High to Data Valid
(Read Mode)
150
150
ns
tPHQ7V2
RP High to Data Valid
(Power Down enabled)
50
50
µs
tPLQ7V
RP Low to Reset Complete
During Program/Erase
15
µs
tPLPH
tRP
RP Pulse Width
100
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com