Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LW032C90N1F Datasheet(PDF) 45 Page - STMicroelectronics

Part # M58LW032C90N1F
Description  32 Mbit 2Mb x16, Uniform Block, Burst 3V Supply Flash Memory
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW032C90N1F Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M58LW032C90N1F Datasheet HTML 41Page - STMicroelectronics M58LW032C90N1F Datasheet HTML 42Page - STMicroelectronics M58LW032C90N1F Datasheet HTML 43Page - STMicroelectronics M58LW032C90N1F Datasheet HTML 44Page - STMicroelectronics M58LW032C90N1F Datasheet HTML 45Page - STMicroelectronics M58LW032C90N1F Datasheet HTML 46Page - STMicroelectronics M58LW032C90N1F Datasheet HTML 47Page - STMicroelectronics M58LW032C90N1F Datasheet HTML 48Page - STMicroelectronics M58LW032C90N1F Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 61 page
background image
45/61
M58LW032C
APPENDIX A. BLOCK ADDRESS TABLE
Table 25. Block Addresses
Block
Number
Address Range
(x16 Bus Width)
32
1F0000h-1FFFFFh
31
1E0000h-1EFFFFh
30
1D0000h-1DFFFFh
29
1C0000h-1CFFFFh
28
1B0000h-1BFFFFh
27
1A0000h-1AFFFFh
26
190000h-19FFFFh
25
180000h-18FFFFh
24
170000h-17FFFFh
23
160000h-16FFFFh
22
150000h-15FFFFh
21
140000h-14FFFFh
20
130000h-13FFFFh
19
120000h-12FFFFh
18
110000h-11FFFFh
17
100000h-10FFFFh
16
0F0000h-0FFFFFh
15
0E0000h-0EFFFFh
14
0D0000h-0DFFFFh
13
0C0000h-0CFFFFh
12
0B0000h-0BFFFFh
11
0A0000h-0AFFFFh
10
090000h-09FFFFh
9
080000h-08FFFFh
8
070000h-07FFFFh
7
060000h-06FFFFh
6
050000h-05FFFFh
5
040000h-04FFFFh
4
030000h-03FFFFh
3
020000h-02FFFFh
2
010000h-01FFFFh
1
000000h-00FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com