Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSA20FBT Datasheet(PDF) 9 Page - Clarke International

Part # CSA20FBT
Description  20 TONNE HYDRAULIC PRESS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CSA20FBT Datasheet(HTML) 9 Page - Clarke International

Back Button CSA20FBT Datasheet HTML 5Page - Clarke International CSA20FBT Datasheet HTML 6Page - Clarke International CSA20FBT Datasheet HTML 7Page - Clarke International CSA20FBT Datasheet HTML 8Page - Clarke International CSA20FBT Datasheet HTML 9Page - Clarke International CSA20FBT Datasheet HTML 10Page - Clarke International CSA20FBT Datasheet HTML 11Page - Clarke International CSA20FBT Datasheet HTML 12Page - Clarke International CSA20FBT Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
POSITIONING THE PRESSING BLOCKS
The pressing blocks can be placed
on the bed to suit the work.
Check all parts are secure and
correctly aligned before using the
press.
OPERATION
1. Place the workpiece on the bed. It must be completely stable and
supported by packing or shims where required. Pressing plates are
supplied, which locate on the bed. Place the workpiece on these to give it
stability.
Any packing pieces or shims used MUST be capable of withstanding the
pressure that will be brought to bear, and MUST be of sufficient size with
sufficient surface area, so as to avoid the possibility of slipping or springing out.
Mating surfaces MUST be horizontal so that the force being exerted will NOT
be at an angle.
2. Close the release valve by turning
the control knob clockwise until
tightly closed.
3. Pump the handle to bring the ram
very lightly into contact with the
workpiece.
4. Manoeuvre the workpiece or slide
the ram to one side so that the
desired point of contact is directly
beneath the centre of the ram.
5. When satisfied that the workpiece is correctly aligned and is completely
stable in that position, slowly pump the handle so that the ram begins to
exert pressure on the workpiece. Continue to pump the handle whilst
standing to the side. Do NOT stand directly in front of the work, and
CAUTION: DO NOT POINT LOAD THESE ACCESSORIES AS THEY ARE NOT
DESIGNED TO TAKE THE FULL FORCE OF THE RAM IN ONE SPOT. ENSURE
THEY ARE ADEQUATELY SUPPORTED. NEVER USE EXTENSIONS TO THE
PUMPING HANDLE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com