Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECJ504B-UB. Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ECJ504B-UB.
Description  JK PNL MNT USB B, 10" WIRE LDS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ECJ504B-UB. Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ECJ504B-UB. Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.142
29.00
.675
17.15
.905
22.99
RoHS Compliant 
COUPLER SHALL BE INDIVIDUALLY PACKAGED IN
ACCORDANCE WITH L-COM PACKAGING SPEC PS-0031.
NOTES:
MATERIAL:
COUPLER HOUSING: ABS, UL94V-0.
CONNECTOR INSULATOR: WHITE, PBT WITH GLASS FIBER.
CONNECTOR CONTACTS: PHOSPHOR BRONZE.
CONNECTOR SHELL: BRASS.
PCB: EPOXY GLASS FP-4, 94V-0 FLAMMABILITY RATING.
FINISH:
COUPLER HOUSING: COLOR, BLACK.
CONNECTOR CONTACTS: GOLD, 30µ INCHES.
CONNECTOR SHELLS: NICKEL.
ELECTRICAL:
CURRENT RATING: 2 AMP MAX.
VOLTAGE RATING: 140 VDC.
ENVIRONMENTAL:
OPERATING TEMPERATURE: -20 C TO +80 C.
MISCELLANEOUS:
COUPLER SHALL BE TESTED FOR CONTINUITY.
USB TYPE "B"
JACK
.10
2.5
.43
10.8
UNLESS OTHERWISE SPECIFIED,
43321
A
B
C
C. MCCORMICK
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
COLOR VARIATIONS
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
R. CARRICK
8
2/20/13
J
ECJ504B-UB.SLDDRW
11
5/4/01
REVISIONS
DESCRIPTION
APPROVED
REV
D. PARHAM
DATE
5/4/01
5/4/01
12/9/10
G
H
ECN 5200: CN RELEASE
ECN 5796: REMOVE "SHIELDED DRAIN WIRE" FROM TOP VIEW
10/24/11
D. CASTRO
D.FRISIELLO
J
ECN 6692: REVISED MODEL TO SNAP-ON COVERS
D.FRISIELLO
CATEGORY
PRODUCT DESCRIPTION
NORTH ANDOVER, MA
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
NONE
FSCM NO.
MAY OCCUR
ECJ504B-UB
USB
PROJECTION
JK PNL MNT USB B, 10" WIRE LDS
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
UNDIMENSIONED FEATURES
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005
GREEN
BLACK
GRAY
RED
WHITE
J
±.75
10.00
±19.1
254.0
1.48
37.7
WIRING MAP
4
1
2
3
"J1"
DRAIN (GRAY, 24AWG)
POWER (RED, 20AWG)
- DATA (WHITE, 24AWG)
+ DATA (GREEN, 24AWG)
POWER GND (BLACK, 20AWG)
GND
RECOMMENDED
PANEL CUT OUT
2X #4-40 UNC-2B
"J1"
PIN 1
.75
19.1
29.00
1.142
1.40
35.6
2X .125
3.18


Similar Part No. - ECJ504B-UB.

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ECJ504-6 L-COM-ECJ504-6 Datasheet
49Kb / 1P
JK PNL MNT 6X6 W/10" WIRE LDS
4/24/12
ECJ504-8 L-COM-ECJ504-8 Datasheet
50Kb / 1P
RJ45 (8X8) KEYED JACK TO WIRE LEADS
4/24/12
ECJ5046-IV L-COM-ECJ5046-IV Datasheet
61Kb / 1P
JK PNL MNT 6X6 W/10" WIRE LDS
07/04/17
ECJ5048-L L-COM-ECJ5048-L Datasheet
61Kb / 1P
TELECOM/MODULAR
REV.A
ECJ5048-L. L-COM-ECJ5048-L. Datasheet
61Kb / 1P
TELECOM/MODULAR
REV.A
More results

Similar Description - ECJ504B-UB.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDS-A516RI ETC1-LDS-A516RI Datasheet
73Kb / 1P
LDS-A516RI
logo
Winchester Electronics ...
SDKA-19-216-M06 WINCHESTER-SDKA-19-216-M06 Datasheet
58Kb / 1P
JK, PNL, TNC
UG-447 WINCHESTER-UG-447 Datasheet
45Kb / 1P
RCPT, PNL, BNC
logo
Emcore Corporation
2806 EMCORE-2806_16 Datasheet
569Kb / 2P
Limited Distance Solution (LDS)
logo
Virginia Panel Corporat...
310113547 VPC-310113547 Datasheet
106Kb / 2P
MNTNG PNL KIT
logo
Schneider Electric
NFOM442M125CR SCHNEIDER-NFOM442M125CR Datasheet
96Kb / 2P
NFOM 42C PNL FOR 125A M/B
NFOM454M250CR SCHNEIDER-NFOM454M250CR Datasheet
96Kb / 2P
NFOM 54C PNL FOR 250A M/B
logo
Japan Aviation Electron...
DB-25S-N JAE-DB-25S-N Datasheet
319Kb / 1P
CONN D-SUB RCPT 25POS PNL MNT
DD-50SF-N JAE-DD-50SF-N Datasheet
122Kb / 1P
CONN D-SUB RCPT 50POS PNL MNT
logo
Tensility International...
54-00081 TENSILITY-54-00081 Datasheet
110Kb / 1P
CONN JACK PNL MNT 3.5MM STEREO
2017.08.08
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com