Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FCA-SSCUSCUD Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FCA-SSCUSCUD
Description  SC/UPC-SC/UPC ARMORED 4.8mm LSZH BLACK FIBER OPTIC PATCH CORD SM G652D DUPLEX
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

FCA-SSCUSCUD Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FCA-SSCUSCUD Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
JJOHNSTON
LENGTH
REGULATORY COMPLIANCE:
EU RoHS DIRECTIVE (MOST RECENT RELEASED VERSION)
4X SC CONNECTOR
2X BREAKOUT KIT
& HEAT-SHRINK TUBE
BLACK WITH GLUE
4.8 0.2mm G652D
2FIBERS OPTICAL FIBER CABLE
ARMOURED LSZH, BLACK
4X 2.0 0.1mm SIMPLEX LOOSE
TUBE LSZH, BLACK
4X CABLE
MARKER
NOTES:
SC CONNECTOR 4 ASSEMBLY POLISH TYPE: UPC.
1.
ALL CONNECTORS ACCOMPANIED WITH A DUST CAP
2.
INSTALLED (NOT SHOWN).
CABLE ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED.
3.
PART NUMBER
LENGTH
METER [FEET]
FCA-SSCUSCUD2
2.0 [6.56]
FCA-SSCUSCUD5
5.0 [16.40]
FCA-SSCUSCUD10
10.0 [32.81]
FCA-SSCUSCUD15
15.0 [49.21]
A
B
C
D
SCALE:
SIZE
ITEM NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
FCA-SSCUSCUD
A
1
1
JJOHNSTON
1/25/22
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
1/25/22
1/25/2022
A
INITIAL RELEASE
JJOHNSTON
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
CAGE CODE
SC/UPC-SC/UPC ARMORED 4.8mm LSZH BLACK
FIBER OPTICS
UNLESS OTHERWISE SPECIFIED,
DMAY
COLOR VARIATIONS
MAY OCCUR
1/18/22
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
T-Rev.D
ALL OTHER DIMENSIONAL TOLERANCES:
THIRD-ANGLE PROJECTION
50 High Street, West Mill,
North Andover, MA 01845 USA.
Phone: 1.800.341.5266
1.978.682.6936
43321
CAD FILE: FCA-SSCUSCUD.SLDDRW
ANGLES ± 1°
± 1/32
FRACTIONS
.X = .2 [5]
.XX = .02 [.5]
.XXX = .005 [.13]
FIBER OPTIC PATCH CORD SM G652D DUPLEX


Similar Part No. - FCA-SSCUSCUD

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FCA-SSCASTAS L-COM-FCA-SSCASTAS Datasheet
125Kb / 1P
SC/APC-ST/APC ARMORED 3.0mm LSZH BLACK FIBER OPTIC PATCH CORD SM G652D SIMPLEX
1/25/22
FCA-SSCASTAS10 L-COM-FCA-SSCASTAS10 Datasheet
125Kb / 1P
SC/APC-ST/APC ARMORED 3.0mm LSZH BLACK FIBER OPTIC PATCH CORD SM G652D SIMPLEX
1/25/22
FCA-SSCASTAS15 L-COM-FCA-SSCASTAS15 Datasheet
125Kb / 1P
SC/APC-ST/APC ARMORED 3.0mm LSZH BLACK FIBER OPTIC PATCH CORD SM G652D SIMPLEX
1/25/22
FCA-SSCASTAS2 L-COM-FCA-SSCASTAS2 Datasheet
125Kb / 1P
SC/APC-ST/APC ARMORED 3.0mm LSZH BLACK FIBER OPTIC PATCH CORD SM G652D SIMPLEX
1/25/22
FCA-SSCASTAS5 L-COM-FCA-SSCASTAS5 Datasheet
125Kb / 1P
SC/APC-ST/APC ARMORED 3.0mm LSZH BLACK FIBER OPTIC PATCH CORD SM G652D SIMPLEX
1/25/22
More results

Similar Description - FCA-SSCUSCUD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DK-2622-01 ETC2-DK-2622-01 Datasheet
718Kb / 1P
DIGITUS Fiber Optic Multimode Patch Cord, SC / SC
logo
Molex Electronics Ltd.
0885239500 MOLEX10-0885239500 Datasheet
92Kb / 2P
SC/UPC-to-SC/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 1.0m (3.28)
0885239502 MOLEX10-0885239502 Datasheet
92Kb / 2P
SC/UPC-to-SC/UPC, Singlemode, 9/125關m/G652, Duplex, 3.00mm (.118), Standard Fiber Optic Cable Assembly, 3.0m (9.84)
88527-6103 MOLEX11-88527-6103 Datasheet
27Kb / 1P
FC/UPC-to-SC/UPC, Singlemode, 9/125m/G652, Duplex, 3.00mm, Standard Fiber Optic Cable Assembly, 10.0m
88523-0201 MOLEX11-88523-0201 Datasheet
31Kb / 1P
SC/UPC-to-SC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 2.0m
88523-0202 MOLEX11-88523-0202 Datasheet
31Kb / 1P
SC/UPC-to-SC/UPC, Singlemode, 9/125m/G652, Simplex, 3.00mm, Standard Fiber Optic Cable Assembly, 3.0m
88523-5503 MOLEX11-88523-5503 Datasheet
31Kb / 1P
SC/UPC-to-ST/UPC, Singlemode, 9/125m/G652, Duplex, 3.00mm, Standard Fiber Optic Cable Assembly, 5.0m
88523-5505 MOLEX11-88523-5505 Datasheet
31Kb / 1P
SC/UPC-to-ST/UPC, Singlemode, 9/125m/G652, Duplex, 3.00mm, Standard Fiber Optic Cable Assembly, 6.0m
logo
List of Unclassifed Man...
ADT-01-1192-1313-0007 ETC-ADT-01-1192-1313-0007 Datasheet
256Kb / 1P
Fiber Optic Patch Cord MDC/UPC-MDC/UPC G657A1 OFNR 2.0mm
Rev. A
ADT-01-1192-1313-0008 ETC-ADT-01-1192-1313-0008 Datasheet
256Kb / 1P
Fiber Optic Patch Cord MDC/UPC-MDC/UPC OM3-300 OFNR 2.0mm
Rev. A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com