Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B30-R10000-KG-8 Datasheet(PDF) 3 Page - Brady Worldwide, Inc.

Part # B30-R10000-KG-8
Description  High-performance solutions for Industrial ID, Wire & Cable ID,Product ID and more.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRADY [Brady Worldwide, Inc.]
Direct Link  https://www.bradyid.com/
Logo BRADY - Brady Worldwide, Inc.

B30-R10000-KG-8 Datasheet(HTML) 3 Page - Brady Worldwide, Inc.

  B30-R10000-KG-8 Datasheet HTML 1Page - Brady Worldwide, Inc. B30-R10000-KG-8 Datasheet HTML 2Page - Brady Worldwide, Inc. B30-R10000-KG-8 Datasheet HTML 3Page - Brady Worldwide, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
123
1-888-272-3946
BradyID.com
BradyID.com/bbp33
B30-Series Print Ribbons
* B30-R10000-YL for printing yellow onto white.
B30-R10000-YL2 for printing yellow onto other
colors of B-595.
** Process ribbons print a much lighter shade -
designed to be used together with other process
ribbons and black ribbon to lay down a dot pattern
for printing "blended" colors and process color
objects.
BBP®33, BBP®35 & BBP®37 Single Color Print Ribbons
• Solid color ribbons for printing a single color onto a label
• Can be swapped out for printing multi-color labels on BBP35 or BBP37 printer if a
paneled multi-color ribbon is not on-hand
BBP®35 & BBP®37 Multi-Color "Paneled" Print Ribbons
Fits Printer Model(s) Catalog #
Color
Size Inch (mm)
Length Feet (m)
BBP31, 33, 35, 37
B30-R10000
Black
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R10000-WT
White
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R4400-WT
White
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R4300
Black
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R6000
Black
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R6200
Black
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R10000-RD
Red
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R10000-GN
Green
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R10000-BL
Blue
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R10000-YL
Yellow*
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R10000-YL2
Yellow*
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R10000-OR
Orange
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R10000-MA
Magenta
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R10000-PRCCY
Process Cyan**
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R10000-PRCYEL
Process Yellow**
4.330 (109.9)
200 ft. (60.9 m)
BBP31, 33, 35, 37
B30-R10000-PRCMAG
Process Magenta**
4.330 (109.9)
200 ft. (60.9 m)
** Process ribbons print a much lighter shade - designed to be used together with other process ribbons and black ribbon to lay down a dot pattern for printing
"blended" colors and process color objects.
Four Color Print Ribbons
Fits Printer Model(s)
Catalog #
Color
Size Inch (mm)
Length Feet (m)
8" panel length - Typical yield: 50 panel sets per roll
BBP37, 35
B30-R10000-KRGB-8
Black, Red, Green and Blue
4.330 (101.9) x 8.000 (203.2) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-KRYG-8
Black, Red, Yellow and Green
4.330 (101.9) x 8.000 (203.2) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-KRYB-8
Black, Red, Yellow and Blue
4.330 (101.9) x 8.000 (203.2) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-KRBO-8
Black, Red, Blue and Orange
4.330 (101.9) x 8.000 (203.2) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-CMYK-8
Process Cyan, Mgnta, Yell, Blk
4.330 (101.9) x 8.000 (203.2) Panels
200 ft. (60.9 m)
16" panel length - Typical yield: 30 panel sets per roll
BBP37, 35
B30-R10000-KRGB-16
Black, Red, Green and Blue
4.330 (101.9) x 16.000 (406.4) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-KRYB-16
Black, Red, Yellow and Blue
4.330 (101.9) x 16.000 (406.4) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-CMYK-16
Black, Cyan, Magenta, Yellow **
4.330 (101.9) x 16.000 (406.4) Panels
200 ft. (60.9 m)
Two Color Print Ribbons
Fits Printer Model(s)
Catalog #
Color
Size Inch (mm)
Length Feet (m)
8" panel length - Typical yield: 100 panel sets per roll
BBP37, 35
B30-R10000-KR-8
Black and Red
4.330 (101.9) x 8.000 (203.2) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-KY-8
Black and Yellow
4.330 (101.9) x 8.000 (203.2) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-KB-8
Black and Blue
4.330 (101.9) x 8.000 (203.2) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-KO-8
Black and Orange
4.330 (101.9) x 8.000 (203.2) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-KG-8
Black and Green
4.330 (101.9) x 8.000 (203.2) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-GR-8
Green and Red
4.330 (101.9) x 8.000 (203.2) Panels
200 ft. (60.9 m)
16" panel length - Typical yield: 60 panel sets per roll
BBP37, 35
B30-R10000-KR-16
Black and Red
4.330 (101.9) x 16.000 (406.4) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-KY-16
Black and Yellow
4.330 (101.9) x 16.000 (406.4) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-KB-16
Black and Blue
4.330 (101.9) x 16.000 (406.4) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-KO-16
Black and Orange
4.330 (101.9) x 16.000 (406.4) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-KG-16
Black and Green
4.330 (101.9) x 16.000 (406.4) Panels
200 ft. (60.9 m)
BBP37, 35
B30-R10000-RB-16
Red and Blue
4.330 (101.9) x 16.000 (406.4) Panels
200 ft. (60.9 m)
• Ribbons have panels of 2- or 4-different colors for printing
multiple colors onto a label
• Use CMYK ribbon for printing blended colors. Blended colors
are not as saturated as solid or spot color paneled ribbons, but
do offer a broader palatte of available colors and shades
• Print multiple colors without having to swap in multiple ribbons



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com