Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG905RD-1-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG905RD-1-RSP
Description  900 MHz 5 dBi Rubber Duck Antenna RP-SMA Plug Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG905RD-1-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG905RD-1-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG905RD-1-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG905RD-1-RSP Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
1
HG905RD-1-RSP REV 1.1 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
900 MHz 5 dBi Rubber Duck Antenna RP-SMA Plug Connector
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price, inventory and certifications:
900 MHz 5 dBi Rubber Duck Antenna RP-SMA Plug Connector HG905RD-1-RSP
Features
Better Performance Than Most Stock AP Antennas
Flexible “Rubber Duck” Antenna
RP-SMA Plug Connector
Tilt and Swivel Design
Applications
900 MHz Digital Spread Spectrum Radios
• 900 MHz ISM Band
LPWAN, LoRA, IoT, M2M Applications
900 MHz Telemetry Products
Cellular Band Applications
Description
The HG905RD-1-RSP from L-com is an economical yet superior performance omnidirectional “rubber-duck” antenna designed for the
900 MHz ISM band. It features a tilt-and-swivel Reverse Polarity SMA (RP-SMA) male connector, allowing them to be used vertically, at
a right angle, or any angle in-between. It is a coaxial sleeve design with an omni-directional pattern. It is ideally suited for 900MHz ISM
band applications as well as cellular and LPWAN applications.
The L-com high performance rubber-duck HG905RD-1-RSP is a flexible antenna providing broad coverage and 5.0 dBi gain.
Measuring 15.5 inches long, this 5.0 dBi antenna makes a great upgrade to OEM supplied antennas offering much larger coverage
area and stronger signals. It is suitable as a replacement RF antenna for 900 MHz radios that are equipped with RP-SMA connectors.
This 900 MHz ISM antenna, as well as our wide selection of superior quality RF parts, ship same day. Contact our knowledgeable and
friendly technical support and sales staff for your answers on antennas or other L-com products.
Configuration
Design
Rubber Duck
Band Type
Single
Polarization
Linear
Connector Type
SMA Male Reverse Polarity
Number of Ports
1
Housing Material and Plating
ABS, Black
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
900
930
MHz
Input VSWR
2:1
Impedance
50
Ohms
Gain
5
dBi
Input Power
10
Watts
.
Mechanical Specifications
HG905RD-1-RSP


Similar Part No. - HG905RD-1-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG905RD-RSP L-COM-HG905RD-RSP Datasheet
123Kb / 2P
HyperLink Wireless 900 MHz 5 dBi RP-SMA Plug High Performance "Rubber Duck" Wireless LAN Antenna
HG905RD-RTP L-COM-HG905RD-RTP Datasheet
123Kb / 2P
HyperLink Wireless 900 MHz 5 dBi RP-TNC Plug High Performance "Rubber Duck" Wireless LAN Antenna
HG905RD-SM L-COM-HG905RD-SM Datasheet
123Kb / 2P
HyperLink Wireless 900 MHz 5 dBi SMA Male High Performance "Rubber Duck" Wireless LAN Antenna
HG905RD-SM
More results

Similar Description - HG905RD-1-RSP

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
PE51055 PASTERNACK-PE51055 Datasheet
62Kb / 1P
Duck/Whip Antenna 900-960 MHz, 3 dBi
PE51056 PASTERNACK-PE51056 Datasheet
64Kb / 1P
Rubber Duck Antenna 900-960 MHz, 1 dBi
PE51060 PASTERNACK-PE51060 Datasheet
63Kb / 1P
Rubber Duck/Whip Antenna 477 MHz, 5.5 dBi
PE51070 PASTERNACK-PE51070 Datasheet
77Kb / 1P
Rubber Duck Antenna 5725-5850 MHz, 5dBi
PE51072 PASTERNACK-PE51072 Datasheet
66Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51076 PASTERNACK-PE51076 Datasheet
266Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 3dBi
PE51077 PASTERNACK-PE51077 Datasheet
58Kb / 1P
Rubber Duck Antenna 2400-2500 MHz, 2dBi
PE51084 PASTERNACK-PE51084 Datasheet
304Kb / 1P
Rubber Duck Antenna 3300-3800 MHz, 2 dBi
PE51086 PASTERNACK-PE51086 Datasheet
59Kb / 1P
Rubber Duck Antenna 2300-2700 MHz, 4.5dBi
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com