Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Y2C1-ASWB Datasheet(PDF) 2 Page - Everlight Electronics Co., Ltd

Part # Y2C1-ASWB
Description  Light Emitting Diode (5 mm Round LED,T-1 3/4)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

Y2C1-ASWB Datasheet(HTML) 2 Page - Everlight Electronics Co., Ltd

  Y2C1-ASWB Datasheet HTML 1Page - Everlight Electronics Co., Ltd Y2C1-ASWB Datasheet HTML 2Page - Everlight Electronics Co., Ltd Y2C1-ASWB Datasheet HTML 3Page - Everlight Electronics Co., Ltd Y2C1-ASWB Datasheet HTML 4Page - Everlight Electronics Co., Ltd Y2C1-ASWB Datasheet HTML 5Page - Everlight Electronics Co., Ltd Y2C1-ASWB Datasheet HTML 6Page - Everlight Electronics Co., Ltd Y2C1-ASWB Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EVERLIGHT ELECTRONICS CO.,LTD.
Technical Data Sheet
Light Emitting Diode
(5 mm Round LED,T-1 3/4)
333/Y2C1-ASWB
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
1
Page: 2 of 7
Device Number : DLE-033-B02
Prepared date: 01-18-2006
Prepared by: Flourix Chen
Package Dimensions
Notes:
․All dimensions are in millimeters, tolerance is 0.25mm except being specified.
․Lead spacing is measured where the lead emerges from the package.
․Protruded resin under flange is 1.5mm Max LED.
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Rating
Units
Forward Current
IF
50
mA
Pulse Forward Current
*1
IFP
160
mA
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +100
℃
Soldering Temperature
*2
Tsol
260 ±5
℃
Power Dissipation
Pd
120
mW
Reverse Voltage
VR
5
V
Zener Reverse Current
Iz
100
mA
Electrostatic Discharge
ESD
4K
V
Notes: *1:IFP Conditions--Pulse Width≦10msec and Duty≦1/10.
*2:Soldering time≦5 seconds.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com