Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO7164HBST5 Datasheet(PDF) 5 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO7164HBST5
Description  5.5V Low Loss Power Distribution Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO7164HBST5 Datasheet(HTML) 5 Page - DIOO MICROCIRCUITS CO., LTD

  DIO7164HBST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO7164HBST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO7164HBST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO7164HBST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO7164HBST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO7164HBST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO7164HBST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO7164HBST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
 
 
DIO7164
www.dioo.com
© 2017 DIOO MICROCIRCUITS CO., LTD
DIO7164• Rev 0.3
 
Electrical Characteristics
TA=25°C VIN = 5V, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage Range
2.7
5.5
V
ISHDN
Shutdown Input Current
Open load, IC Disabled
0.2
1
µA
IQ
Quiescent Supply Current
Open load, IC Disabled
50
88
µA
RDS(ON)
FET RON
IOUT=100mA
75
99
mΩ
VCTL(H)
CTL Rising Threshold
Logic High Voltage
1.4
V
VCTL(L)
CTL Falling Threshold
Logic low Voltage
0.4
V
ICTL
CTL Leakage Current
VCTL=5.0V
1
µA
VIN_UVLO
IN UVLO Threshold
2.5
V
VIN_HYS
IN UVLO Hysteresis
240
400
mV
ILIM
Current Limit
DIO7164HA, DIO7164LA
0.375
0.5
0.625
A
DIO7164HB, DIO7164LB
0.75
1
1.25
DIO7164HC, DIO7164LC
1.1
1.5
1.9
DIO7164HD, DIO7164LD
1.5
2
2.5
TON
Turn-on Time
RL=10Ω, COUT=1μF
400
µs
TOFF
Turn-off Time
RL=10Ω, COUT=1μF
20
µs
TSD
Thermal Shutdown Temperature
140
°C
Thermal Shutdown Hysteresis
20
°C
Specifications subject to change without notice.
 
 
 
 
 
 
 
 
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com