Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG2458MGRD-RSP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2458MGRD-RSP
Description  HyperLink 2.4 GHz to 2.5 GHz / 5.1 GHz to 5.9 GHz Dual Band Desktop Antenna with Magnetic Base
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2458MGRD-RSP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2458MGRD-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2458MGRD-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L-COM, INC. 45 BEECHWOOD DRIVE NORTH ANDOVER, MA 01845
WWW.L-COM.COM E-MAIL: SALES@L-COM.COM PHONE: 1-800-343-1455 FAX: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink 2.4 GHz to 2.5 GHz / 5.1 GHz to
5.9 GHz Dual Band Desktop Antenna with
Magnetic Base
Applications and Features
Applications:
2.4 GHz - 2.5 GHz / 5.1 GHz - 5.9 GHz
Frequency Range:
◊ IEEE 802.11a, 802.11b, 802.11g and 802.11n
access points and routers
◊ 2.4 GHz ISM applications
◊ 5.3 GHz/5.4GHz/5.8 GHz Applications
◊ 5.8 GHz UNII/ISM Band Applications
◊ WiFi applications
◊ WiMAX applications
◊ 2.4 GHz and 5.8 GHz wireless video systems
◊ Bluetooth® applications
◊ Public wireless hotspots
Features:
Dual band design
Ideal for dual band access points and PCI adapters
Rugged composite radome
Antenna features tilt and swivel design
Compact design
Magnetic base with 5 ft. high performance low-loss
100-series cable
Available with MC-Card, MMCX, RP-SMA and RP-TNC
connectors
RoHS Compliant
Model: HG2458MGRD
Description
The HyperGain® Model HG2458MGRD is a high performance Dual Band rubber-duck desktop antenna designed to operate in
2.4-2.5 GHz or 5.1-5.9 GHz bands. The Dual Band design of this antenna eliminates the need to purchase different antennas for
each frequency. It is ideally suited for IEEE 802.11a, 802.11b, 802.11g and 802.11n applications.
Measuring 10.1" long, this antenna features rugged composite blade style radome and can tilt-and-swivel. This allows it to be
used vertically, at a right angle, or any angle in-between. This antenna includes a magnetic base suitable for fixing to vehicles*
or other metal surfaces as well as sitting on a tabletop or shelf. The 5 ft. (1.5m) High Performance Low-Loss 100 Series cable
allows the user to position the antenna away from any obstacles or interference.
*Installation Note: This mount is not intended for use outside moving vehicles, such as on a trunk lid or roof.
Specifications
Electrical Specifications
Frequency Ranges & Gain
2400-2483 MHz @ 3 dBi
5150-5900 MHz @ 5 dBi
Horizontal Beam Width
360°
Impedance
50 Ohm
VSWR
< 2:1


Similar Part No. - HG2458MGRD-RSP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2458MGRD-RTP L-COM-HG2458MGRD-RTP Datasheet
98Kb / 2P
HyperLink 2.4 GHz to 2.5 GHz / 5.1 GHz to 5.9 GHz Dual Band Desktop Antenna with Magnetic Base
More results

Similar Description - HG2458MGRD-RSP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2436 TI-TRF2436 Datasheet
224Kb / 11P
High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
logo
Fairchild Semiconductor
FMPA2151 FAIRCHILD-FMPA2151 Datasheet
462Kb / 4P
2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module
logo
Silicon Storage Technol...
SST13LP01 SST-SST13LP01 Datasheet
376Kb / 27P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
SST13LP02 SST-SST13LP02 Datasheet
632Kb / 25P
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
logo
Texas Instruments
TRF2436 TI-TRF2436_07 Datasheet
423Kb / 14P
High-Power Dual-Band (2.4-GHz to 2.5-GHz and 4.9-GHz to 5.9-GHz) RF Front-End
logo
Micronetics, Inc.
ES0189 MICRONETICS-ES0189 Datasheet
149Kb / 2P
High Power Switch 2.4 GHz to 2.5 GHz
logo
List of Unclassifed Man...
PC11070100A ETC2-PC11070100A Datasheet
259Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
PC11090100A ETC2-PC11090100A Datasheet
277Kb / 9P
PCB Dual-band 2.4 / 5.2 GHz antenna
logo
ATMEL Corporation
T7031 ATMEL-T7031 Datasheet
570Kb / 16P
Frequency Range 2.4 GHz to 2.5 GHz
logo
Abracon Corporation
ACAG0301-24505500-T ABRACON-ACAG0301-24505500-T Datasheet
8Mb / 6P
Dual band (2.4 GHz & 5.5 GHz) WiFi/Bluetooth Chip Antenna
06.21.2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com