Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG2458RD-RSP Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # HG2458RD-RSP
Description  HyperLink Wireless 2.4 GHz to 5.8 GHz 3 dBi Reverse Polarity SMA Tri-Band Rubber Duck Wireless LAN Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2458RD-RSP Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  HG2458RD-RSP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2458RD-RSP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L:-C-'ii'tf-rjGlobal
��
Connectivity
>
Specifications
Frequency Ranges
Gain
Horizontal Beam Width
Impedance
Input Power
VSWR
Weight
Length
Max. Diameter
Finish
Connector
Operating Temperature
Polarization
Flame Rating
RoHS Compliant
1
t
'
•
t
,
2400-2500 MHz, 4900-5350 MHz
5725-5850 MHz
3 dBi
360°
50 Ohm
s Watts
< 2:1
.96 oz. (27 g)
7.79" (198 mm)
0.51" (13.1 mm)
Matte Black
Reverse Polarity SMA Plug
-40° C to 60° C
Vertical
UL 94HB
Yes
0.51"
(13.1mm)
6.57" (167mm)
_ J.79" (198mm)
.•'
..
..
·-·�r::::.
.
(-40° F to 140° F)
90•
180
}XE-,1!:!j>--'t'.
O' l&O"
270°
Vertical
·
1
· --...
--
... ........_...
l "'....
'"'
.... .......
·-
• 330"
210·
Horizontal
Guaranteed Quality
This product is backed by L-com's Limited Warranty
L-COM, INC. 45 BEECHWOOD DRIVE NORTH ANDOVER, MA 01845
WWW.L-COM.COM E-MAIL: SALES@L-COM.COM PHONE: 1-800-343-1455 FAX: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marl<s.
www.L-com.com
o·



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com