Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

31-01UTC/S463 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # 31-01UTC/S463
Description  POWER LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

31-01UTC/S463 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  31-01UTC/S463 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 31-01UTC/S463 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 31-01UTC/S463 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 31-01UTC/S463 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 31-01UTC/S463 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 31-01UTC/S463 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 31-01UTC/S463 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 31-01UTC/S463 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.0
Page: 4 of 6
Device Number :DLE-301-W01
Establish date: 07-15-2004
Establish by: Iverson Kuo
31-01UTC/S463
CIE Chromaticity Diagram
Color Ranks (IF=20mA,Ta=25℃)
Color Ranks
CIE
X
0.255
0.264
0.28
0.27
A1
Y
0.245
0.267
0.248
0.23
X
0.264
0.283
0.296
0.28
A0
Y
0.267
0.305
0.267
0.248
X
0.283
0.304
0.307
0.287
B3
Y
0.305
0.33
0.315
0.295
X
0.304
0.33
0.33
0.307
B4
Y
0.33
0.36
0.339
0.315
X
0.287
0.307
0.311
0.296
B5
Y
0.295
0.315
0.294
0.276
X
0.307
0.33
0.33
0.311
B6
Y
0.315
0.339
0.318
0.294
X
0.33
0.361
0.355
0.33
C0
Y
0.36
0.385
0.35
0.318
Measurement uncertainty of the color coordinates:±0.01



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com