Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GFPC Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # GFPC
Description  Suitable solutions for FPC noise problems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

GFPC Datasheet(HTML) 1 Page - KITAGAWA GmbH

  GFPC Datasheet HTML 1Page - KITAGAWA GmbH GFPC Datasheet HTML 2Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
58
*The values are measured data for reference, not guaranteed.
GFPC CORE
/GFPC
● Soft ferrite
Suitable solutions for FPC noise problems
● Provided with 3mm and 5mm and 2.3mm thickness types.
● Effective filtering performance for emission noise from FPC.
Feature
Material
Unit:mm
*Contact us for the measurement conditions.
A
E
D
A
D
E
①
②
GFPC-11-8-2
GFPC-16-8-2
GFPC-18-3-2
GFPC-18-8-2
GFPC-22-8-2
GFPC-16-5-3
GFPC-16-8-3
GFPC-24-12-3
GFPC-25-10-3
GFPC-25-15-3
GFPC-31-12-3
GFPC-16-12
GFPC-16-20
GFPC-25-12
GFPC-25-20
GFPC-31-12
GFPC-46-12
GFPC-56-12
Part No.
11.0
15.5
18.0
18.0
21.5
16.0
16.0
23.3
25.5
25.5
31.0
16.0
16.0
24.5
24.5
31.0
46.0
56.2
A
0.7
0.7
0.7
0.7
0.7
0.5
0.5
0.9
0.8
0.8
1.0
0.5
0.8
0.5
0.5
0.5
0.5
0.5
B
2.3
3.0
5.0
C
8.0
8.0
3.0
8.0
8.0
5.0
8.0
12.0
10.0
15.0
12.0
12.0
20.0
12.0
20.0
12.0
12.0
12.0
D
52.4
9.0
12.0
14.5
14.5
18.0
11.5
20.0
21.5
21.5
27.0
11.5
11.5
11.5
20.0
20.0
27.0
41.5
E
≧ 25
≧ 25
≧ 20
≧ 25
≧ 25
≧ 20
≧ 25
≧ 30
≧ 25
≧ 30
≧ 35
≧ 45
≧ 60
≧ 35
≧ 50
≧ 40
≧ 40
≧ 35
①
①
①
①
②
②
②
②
Profile
Impedance*Ω/100MHz(1turn)


Similar Part No. - GFPC

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
GFPC KGS-GFPC Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
GFPC-11-8-2 KGS-GFPC-11-8-2 Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
GFPC-16-12 KGS-GFPC-16-12 Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
GFPC-16-20 KGS-GFPC-16-20 Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
GFPC-16-5-3 KGS-GFPC-16-5-3 Datasheet
3Mb / 12P
Ferrite Cores, Tiles, and Sheets
Rev17 - 12152015
More results

Similar Description - GFPC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA-200A AXIOMTEK-NA-200A Datasheet
325Kb / 1P
Suitable for network appliance
NA-820 AXIOMTEK-NA-820 Datasheet
147Kb / 1P
Suitable for VPN
logo
List of Unclassifed Man...
SP22GS-10K ETC2-SP22GS-10K Datasheet
146Kb / 2P
Solutions for Industrial Automation
SDUFD2AB-4096 ETC2-SDUFD2AB-4096 Datasheet
1,005Kb / 2P
Solutions for Storage
logo
M/A-COM Technology Solu...
MABA-011056 MA-COM-MABA-011056 Datasheet
760Kb / 5P
Suitable for DOCSIS 3.1
logo
Murata Manufacturing Co...
DLW32MH101XT2 MURATA1-DLW32MH101XT2 Datasheet
484Kb / 3P
Suitable for noise suppression at car area networks
Last updated07/26/2022
DLW32MH201XK2 MURATA1-DLW32MH201XK2 Datasheet
329Kb / 3P
Suitable for noise suppression at car area networks.
Last updated07/26/2022
DLW32MH201YK2 MURATA1-DLW32MH201YK2 Datasheet
595Kb / 3P
Suitable for noise suppression at car area networks.
Last updated08/01/2022
DLW32SH110XK2 MURATA1-DLW32SH110XK2 Datasheet
327Kb / 3P
Suitable for noise suppression at car area networks like CAN
Last updated07/27/2022
DLW32SH220XK2 MURATA1-DLW32SH220XK2 Datasheet
328Kb / 3P
Suitable for noise suppression at car area networks like CAN.
Last updated07/27/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com