Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT320SMX-4 Datasheet(PDF) 2 Page - Advanced Crystal Technology

Part # ACT320SMX-4
Description  low cost, 4 pad, high quality, low aging 3X2.5mm SMD Crystal in a ceramic base
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT320SMX-4 Datasheet(HTML) 2 Page - Advanced Crystal Technology

  ACT320SMX-4 Datasheet HTML 1Page - Advanced Crystal Technology ACT320SMX-4 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tel : 0044 (0)118 979 1238
Fax : 0044 (0)118 979 1283
email : info@actcrystals.com
Tape & Reel Dimensions (mm)
1K pieces per reel
Standard Reflow Profile
Material content
Issue: 5 C1F
Date: 27/6/07
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
TAPE
ACT320SMX-4
12.5
2.0
Tolerance
12.0
B
±0.3
Dimension
8.0
0.3
1.2
±1
±0.1
±0.1
±0.1
±0.1 ±0.05
C
Ho
H1
A
±0.5
178
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
WWo
W1
Lo
±0.2
L1
5.5
3.6
2.9
Date: 27/6/07
D
REEL
±0.2
±0.1
62
Product
Packaging
Product
Packaging
Banned
substances
Ma ximum
concentration
(ppm)
Maximum
conce ntration
(ppm)
Banned
substance s
Maximum
concentration
(ppm)
Maximum
concentration
(ppm)
Cadmium &
compounds
2
Chlorinate d
Parafin
55
Lead &
compounds
2Other
chlorina ted
organic
compounds
55
Mercury &
compounds
2Other
brominated
organic
compounds
55
Hexavalent
Chromium
2
Organic tin
compounds
55
PBB
5
Asbestos
5
5
PBDE
5
Azo
compounds
55
PCB
5
5
Formaldehyde
5
5
PCN
5
5
PVC
5
5
100
Banned substances content: none detected (detection limits below)
2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com