Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT381T-4 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT381T-4
Description  a range of four and six pad TCXOs and VCTCXOs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT381T-4 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT381T-4 Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vdd
** Internal trimmer
**
For some specifications a version without a trimmer may be available.Enquire.
Please note that all parameters can not necessarily be specified in the same device
In line with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice
Frequency Range
-30 ~ 80°C
±0.3ppm max
Frequency Stability
Storage Temp Range
Temp Operating Range
-30 ~ 75°C
10.00 ~ 30.00 MHz
Please refer to table 1
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
http://www.actcrystals.com
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Condition
Specification
ACT381T- 4 & 6 TCXO (HCMOS/TTL)
The ACT381 family is a range of four and six pad TCXOs and VCTCXOs housed in a Metal PCB
based SMD package. In addition to this data sheet there is a separate TCXO / VCTCXO data
sheet for a clipped sine wave version. It is therefore necessary to select the output and the
function to ensure that you receive the correct part. e.g. Clipped Sinewave and TCXO or
VCTCXO.
Iop
Specification
Parameter
Symbol
Vin
Fa
Aging
3.3VDC ±5%
5.0VDC±5%
Supply Voltage
fo
Topr
Tstg
Δf/fo
vs Load
vs Input Voltage
vs Operating Temp
-20 ~ 70°C
Output Level ‘0’
±2.0
Temp
0 ~ 50°C
2.4VDC min (TTL)
90% VDD min (HCMOS)
Output Level ‘1’
±3.0
±2.5
Stability
ppm
-10 ~ 60°C
±1.5
Customer to specify : Outline, Frequency, Duty Cycle, Output Type, Stability, Operating Temperature Range & Supply Voltage
±5.0
±3.5
VOH
Duty Cycle
Tw/t
Tr/Tf
Output
N/CL
Please specify
15pF / 10TTL
8nSec max
40/60% standard , 45/55% option
HCMOS / TTL
±1ppm max per year
Please specify
Please specify
±0.3ppm max
Please refer to table 1
Please specify
Please specify
-55 ~ 125°C
Table 1
±3.0ppm min
Mechanical Frequency Adjustment
20mA max
0.4VDC max (TTL)
10% VDD max (HCMOS)
N/CL
Output Load
Rise & Fall Time
Supply Current
VOL
Issue 6 D2
Date: 15/11/05
Pad surface
material Au
1 of 1


Similar Part No. - ACT381T-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT381T-4 ACT-ACT381T-4 Datasheet
92Kb / 1P
ange of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T-4 ACT-ACT381T-4 Datasheet
388Kb / 3P
TCXO
07/10/2013
ACT381T-42700FABIBBXZC ACT-ACT381T-42700FABIBBXZC Datasheet
388Kb / 3P
TCXO
07/10/2013
ACT381T-42700FABIBBXZL ACT-ACT381T-42700FABIBBXZL Datasheet
388Kb / 3P
TCXO
07/10/2013
ACT381T-42700FABIBXXZC ACT-ACT381T-42700FABIBXXZC Datasheet
388Kb / 3P
TCXO
07/10/2013
More results

Similar Description - ACT381T-4

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT3A01T ACT-ACT3A01T Datasheet
179Kb / 2P
a range of TC/ VCTCXOs
11/08/04
ACT3A04T ACT-ACT3A04T Datasheet
175Kb / 2P
a range of low frequency TC/ VCTCXOs
11/08/04
ACT3A11T ACT-ACT3A11T Datasheet
99Kb / 1P
a range of TC/ VCTCXOs
11/08/04
ACT53T-4 ACT-ACT53T-4 Datasheet
161Kb / 2P
a range of VCTCXOs
11-10-05
ACT75T-4 ACT-ACT75T-4 Datasheet
121Kb / 2P
a range of TC/ VCTCXOs
15/02/05
ACT381T ACT-ACT381T Datasheet
92Kb / 1P
ange of four and six pad TCXOs and VCTCXOs
15/11/05
ACT531VT-4 ACT-ACT531VT-4 Datasheet
97Kb / 2P
a range of VCTCXOs
27/09/05
ACT3000 ACT-ACT3000 Datasheet
158Kb / 2P
TCXOs and VCTCXOs housed in a variety of Surface Mount and Through Hole packages
10/08/04
logo
Texas Instruments
TPD4F003 TI-TPD4F003 Datasheet
222Kb / 6P
FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
TPD4F003 TI-TPD4F003_1 Datasheet
1Mb / 18P
FOUR-, SIX-, AND EIGHT-CHANNEL EMI FILTERS WITH INTEGRATED ESD PROTECTION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com