Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT382T-6 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT382T-6
Description  low cost TCXO housed in a gull winged, surface mount metal
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT382T-6 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT382T-6 Datasheet HTML 1Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ACT382T-6
Vin
Vout
Please specify
Please specify
0.8V p-p (3.3VDC ±5%), 1.0V p-p (5.0VDC±5%)
N/CL
Tr/Tf
Δfc
10K
Ω//10pF
I
±3.0ppm min
8nS max
Output Voltage
vs Load
Frequency Adjustment
Output Load
Aging
Supply Current
Rise & Fall Time
Supply Voltage
Stability
ppm
±5.0
±3.5
±3.0
Parameter
fo
Topr
Tstg
Symbol
Storage Temp Range
Temp Operating Range
-30 ~ 80°C
Fa
3mA max
±1ppm max
3.3VDC ±5% &
5.0V DC±5%
±2.0
±2.5
Temp
0 ~ 50°C
-10 ~ 60°C
See table
±0.3ppm max
Δf/fo
V
vs Input Voltage
vs Operating Temp
-30 ~ 75°C
-20 ~ 70°C
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
Specification
The ACT382T-6 is a low cost TCXO housed in a gull winged, surface mount metal can
package. With a range of 10.0MHz to 25.0MHz, this device offers tight tolerance and low
aging characteristics together with the ability to be placed on the printed circuit board either
hand or automatic equipment.
Applications include Set Top Box, Mobile Communications, Networking, Telecomms.
Specification
http://www.actcrystals.com
Please specify
Please specify
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Stability, Operating Temperature Range & Supply Voltage
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
±0.3ppm max
Frequency Stability
10.00 ~ 25.00 MHz
Per year
Condition
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
-10° ~ +60°C, -30 ~ +80°C
-55 ~ 125°C
Frequency Range
±1.5
11.4 ± 0.3
4.0 max
9.6 ± 0.3
7.6 ± 0.3
2.54 ± 0.3
1.0 ± 0.3
2.2 ± 0.3
1
234
5
6
11.6 ± 0.3
0.6 ± 0.3
1.0 ± 0.3
Suggested Footprint
Dimensions in mm
Pin Connections
1
2
3
4
5
6
Vdd
Not Connected
Ground
Output
Ground
Ground
ISSUE 3 D2
DATE: 11/08/04
1 of 1


Similar Part No. - ACT382T-6

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT38 ACT-ACT38 Datasheet
43Kb / 2P
a miniature cylindrical
07/09/04
logo
Concordia Technologies ...
ACT380X12.7 CONCORDIATECHNOLOGIES-ACT380X12.7 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
ACT380X7.6 CONCORDIATECHNOLOGIES-ACT380X7.6 Datasheet
224Kb / 2P
Nylon Black & Natural Cable Ties
Issue: 1
logo
Advanced Crystal Techno...
ACT381T ACT-ACT381T Datasheet
92Kb / 1P
ange of four and six pad TCXOs and VCTCXOs
15/11/05
ACT381T-4 ACT-ACT381T-4 Datasheet
87Kb / 1P
a range of four and six pad TCXOs and VCTCXOs
15/11/05
More results

Similar Description - ACT382T-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CTX5 ETC-CTX5 Datasheet
45Kb / 1P
Surface Mount TCXO
logo
ECM Electronics Limited...
ECT35230 ECM-ECT35230 Datasheet
112Kb / 1P
Surface Mount TCXO
ECT600 ECM-ECT600 Datasheet
71Kb / 1P
Surface Mount TCXO
ECT3033 ECM-ECT3033 Datasheet
65Kb / 1P
Surface Mount TCXO
logo
Advanced Crystal Techno...
ACTSTE01 ACT-ACTSTE01 Datasheet
175Kb / 2P
TCXO/ VCTCXO housed in a Surface Mount
20/3/06
logo
Vishay Siliconix
VSM40 VISHAY-VSM40 Datasheet
135Kb / 3P
Bulk Metal® Foil Technology Surface Mount Hermetic Resistor Networks in Gull Wing Configuration
08-Mar-05
logo
List of Unclassifed Man...
KALSERIES ETC-KALSERIES Datasheet
285Kb / 3P
Aluminum Housed Surface Mount Resistor
logo
CTS Corporation
768 CTS-768_16 Datasheet
95Kb / 4P
Surface Mount Gull Wing Design
logo
Advanced XTAL Products
AXLE114 AXTAL-AXLE114 Datasheet
108Kb / 3P
SMD (VC)TCXO in 11.4x9.6 mm gull wing package
2014-04-06
AXLE184B AXTAL-AXLE184B Datasheet
119Kb / 4P
SMD (VC)TCXO in gull wing package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com