Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7541W Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7541W
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541W Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7541W Datasheet HTML 6Page - STMicroelectronics TDA7541W Datasheet HTML 7Page - STMicroelectronics TDA7541W Datasheet HTML 8Page - STMicroelectronics TDA7541W Datasheet HTML 9Page - STMicroelectronics TDA7541W Datasheet HTML 10Page - STMicroelectronics TDA7541W Datasheet HTML 11Page - STMicroelectronics TDA7541W Datasheet HTML 12Page - STMicroelectronics TDA7541W Datasheet HTML 13Page - STMicroelectronics TDA7541W Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
Electrical specifications and characteristics
TDA7541
10/76
3
Electrical specifications and characteristics
3.1
Thermal data
3.2
Absolute maximum ratings
3.3
Electrical characteristics
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RTH(j-amb) Thermal resistance junction to ambient
Max.
70
°C/W
Table 4.
Absolute maximum ratings
Symbol
Parameter
Conditions
Value
Unit
VS
Supply voltage
9.5
V
Tamb
Ambient temperature
-40 to 85
°C
Tstg
Storage temperature
-55 to +150
°C
VESD
ESD withstand voltage
Human Body Model
2
kV
Machine Model
100
V
Charged Device Model
300
V
Table 5.
Globals
(Tamb = 25°C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5V, fXtal = 10.25 MHz,
in application circuit, unless otherwise specified)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
1. Supply
1.1
VCC1
Digital Supply Voltage
7.7
8.5
9
V
1.2
VCC2
Analog Supply Voltage
7.7
8.5
9
V
1.3
VCCVCO
VCO Supply Voltage
7.7
8.5
9
V
1.4
VCCMIX1
Mixer1 Supply Voltage
7.7
8.5
9
V
1.5
VCCIF
IF1 Supply Voltage
7.7
8.5
9
V
1.6
ICC1
Supply Current
FM ON
19
23
mA
1.7
ICC1
Supply Current
AM ON
21
25
mA
1.8
ICC2
Supply Current
FM ON
48
58
mA
1.9
ICC2
Supply Current
AM ON
37
44
mA
1.10
ICCVCO
Supply Current
12
15
mA
1.11
ICCMIX1
Supply Current
FM ON
32
40
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com