Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PRO237 Datasheet(PDF) 3 Page - Clarke International

Part # PRO237
Description  DIGITAL TORQUE WRENCH
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

PRO237 Datasheet(HTML) 3 Page - Clarke International

  PRO237 Datasheet HTML 1Page - Clarke International PRO237 Datasheet HTML 2Page - Clarke International PRO237 Datasheet HTML 3Page - Clarke International PRO237 Datasheet HTML 4Page - Clarke International PRO237 Datasheet HTML 5Page - Clarke International PRO237 Datasheet HTML 6Page - Clarke International PRO237 Datasheet HTML 7Page - Clarke International PRO237 Datasheet HTML 8Page - Clarke International PRO237 Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
OVERVIEW
This torque wrench is designed to tighten nuts with precision, and with careful and
considerate use, it will give years of reliable service. Features of the wrench include:
• LED Screen with Back Light (Blue)
• Audible/light Alarm (when pre-set target torque is reached)
• Auto Power-Off
• Peak Value Hold
• Target Torque Value Preset
• Low Battery Indication
• Moulded Storage Case
SPECIFICATIONS
PRO236
PRO237
Drive Shank Size
3/8”
1/2”
Torque Range
10-135Nm
20-200 Nm
Selectable Unit of Measurement
Nm, ib-in, il-ft & kg-m
Torque Function in Both Directions
Yes
Accuracy
+/- 2%
Overall length
490 mm
608 mm
Weight
1.3 kg
1.5 kg
Batteries required
4 x AAA
Battery life
60 Hr
Operating temperature
0-40oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com