Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KWCM Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # KWCM
Description  Wire-wound Common Mode Filter applicable to automated mounting on PC board.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

KWCM Datasheet(HTML) 1 Page - KITAGAWA GmbH

  KWCM Datasheet HTML 1Page - KITAGAWA GmbH KWCM Datasheet HTML 2Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
65
Wire-wound Common Mode Filter applicable to automated mounting on PC board.
SMD COMMON MODE FILTER/KWCM
■
Outside dimensions
■
Equivalent circuit
■
Recommended pad dimensions
D1
D1
A
B
①
②
③
④
①
④
③
②
I
I
H
●
Wire-wound Common Mode Filter optimal for the High-speed differential signal
(Applicable reflow soldering.)
●
2012 (2.0×1.2mm),3216 (3.2×1.6mm):2 size variation.
KWCM Series
Unit:mm
PartNumber/Size
A
B
C
D1
TYP
D2
TYP
F
TYP
G
TYP
H
TYP
I
TYP
KWCM-2012
2.0±0.2
1.2±0.2
1.2±0.2
0.45
0.4
0.4
0.4
0.8
0.9
KWCM-3216
3.2±0.2
1.6±0.2
2.0±0.2
0.6
0.6
0.4
0.6
1.6
1.05
Part Number Guide
(1) Product classification
(2) Size
(3) Impedance
(4) Packing specification
KWCM -2012-900T
(1)
(2)
(3) (4)
Electrical characteristics
PartNo.
CommonMode
Impedance
(Ω)at100MHz
DC
Resistance
(Ω)max.

Rated
Current
(mA.)max.
Rated
Voltage
(V)max.
KWCM-2012-120T
≧ 12±25%
0.20
450
50(DC)
KWCM-2012-240T
≧ 24±25%
0.25
420
50(DC)
KWCM-2012-320T
≧ 32±25%
0.25
400
50(DC)
KWCM-2012-500T
≧ 50±25%
0.25
400
50(DC)
KWCM-2012-670T
≧ 67±25%
0.25
400
50(DC)
KWCM-2012-900T
≧ 90±25%
0.30
400
50(DC)
KWCM-2012-121T
≧ 120±25%
0.30
370
50(DC)
PartNo.
CommonMode
Impedance
(Ω)at100MHz
DC
Resistance
(Ω)max.

Rated
Current
(mA.)max.
Rated
Voltage
(V)max.
KWCM-2012-141T
≧ 140±25%
0.32
360
50(DC)
KWCM-2012-161T
≧ 160±25%
0.35
350
50(DC)
KWCM-2012-181T
≧ 180±25%
0.35
330
50(DC)
KWCM-2012-201T
≧ 200±25%
0.40
300
50(DC)
KWCM-2012-221T
≧ 220±25%
0.40
300
50(DC)
KWCM-2012-261T
≧ 260±25%
0.40
300
50(DC)
KWCM-2012-371T
≧ 370±25%
0.45
280
50(DC)
PartNo.
CommonMode
Impedance
(Ω)at100MHz
DC
Resistance
(Ω)max.

Rated
Current
(mA.)max.
Rated
Voltage
(V)max.
KWCM-3216-330T
≧ 33±25%
0.20
400
50(DC)
KWCM-3216-500T
≧ 50±25%
0.25
400
50(DC)
KWCM-3216-900T
≧ 90±25%
0.35
400
50(DC)
KWCM-3216-121T
≧ 120±25%
0.30
400
50(DC)
KWCM-3216-161T
≧ 160±25%
0.40
350
50(DC)
KWCM-3216-221T
≧ 220±25%
0.45
300
50(DC)
KWCM-3216-261T
≧ 260±25%
0.50
310
50(DC)
PartNo.
CommonMode
Impedance
(Ω)at100MHz
DC
Resistance
(Ω)max.

Rated
Current
(mA.)max.
Rated
Voltage
(V)max.
KWCM-3216-501T
≧ 500±25%
0.80
260
50(DC)
KWCM-3216-601T
≧ 600±25%
0.80
260
50(DC)
KWCM-3216-102T
≧ 1000±25%
1.20
250
50(DC)
KWCM-3216-222T
≧ 2200±25%
1.20
200
50(DC)


Similar Part No. - KWCM

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
KWCM-1210HS KGS-KWCM-1210HS Datasheet
1Mb / 1P
Wire-wound Common Mode Filter applicable to automated mounting on PC board.
KWCM-1210HS-250T KGS-KWCM-1210HS-250T Datasheet
1Mb / 1P
Wire-wound Common Mode Filter applicable to automated mounting on PC board.
KWCM-1210HS-600T KGS-KWCM-1210HS-600T Datasheet
1Mb / 1P
Wire-wound Common Mode Filter applicable to automated mounting on PC board.
KWCM-1210HS-900T KGS-KWCM-1210HS-900T Datasheet
1Mb / 1P
Wire-wound Common Mode Filter applicable to automated mounting on PC board.
KWCM-2012HDMI KGS-KWCM-2012HDMI Datasheet
666Kb / 1P
Wire-wound Common Mode Filter applicable to automated mounting on PC board.
More results

Similar Description - KWCM

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
TCM322512F3SFK TAI-TECH-TCM322512F3SFK Datasheet
123Kb / 2P
Wire Wound Type Common Mode Filter
TCM252013F3SFK-670T05 TAI-TECH-TCM252013F3SFK-670T05 Datasheet
136Kb / 2P
Wire Wound Type Common Mode Filter
DCM3532F2SF-750T03 TAI-TECH-DCM3532F2SF-750T03 Datasheet
113Kb / 2P
Wire Wound Type Common Mode Filter
ACM4532F2NF TAI-TECH-ACM4532F2NF Datasheet
137Kb / 2P
Wire Wound Type Common Mode Filter
ACM3225F2DF TAI-TECH-ACM3225F2DF Datasheet
143Kb / 2P
Wire Wound Type Common Mode Filter
WCM7060FASF TAI-TECH-WCM7060FASF Datasheet
260Kb / 3P
Wire Wound Power Common Mode Filter
WCM5025F2SF TAI-TECH-WCM5025F2SF Datasheet
171Kb / 2P
Wire Wound Type Common Mode Filter
WCM2012F2SF TAI-TECH-WCM2012F2SF Datasheet
164Kb / 1P
Wire Wound Type Common Mode Filter
HSF2012F2SF-SERIES-H TAI-TECH-HSF2012F2SF-SERIES-H Datasheet
753Kb / 3P
Wire Wound Type Common Mode Filter
HDMI2012F2SF TAI-TECH-HDMI2012F2SF Datasheet
302Kb / 2P
Wire Wound Type Common Mode Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com