Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WINAL Datasheet(PDF) 1 Page - KITAGAWA GmbH

Part # WINAL
Description  Sheet Film improving design for EMC and electro static discharge of LCD and its peripheral components.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KGS [KITAGAWA GmbH]
Direct Link  https://www.kitagawa.de/en/
Logo KGS - KITAGAWA GmbH

WINAL Datasheet(HTML) 1 Page - KITAGAWA GmbH

  WINAL Datasheet HTML 1Page - KITAGAWA GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
※The values are measured data for reference, not guaranteed.
92
● Base material/PET film
● Surface protection film
● Transparent conductive film
Sheet Film improving design for EMC and electro static discharge of LCD
and its peripheral components.
● Low surface electric resistance gives higher shielding effectiveness.
● Electrically conductive film with superior optical transparency.
● Flexible sheet film allows custom sheet cutting, punching, adhesive tape attachment etc.
upon request.
Feature
Material
TRANSPARENT CONDUCTIVE FILM/WINAL
Hard coating layer
WINAL50-005
Surface protection film
(green)
PET film(50μm)
Transparent conductive film
■ Electric shielding properties(MIL-STD-285)
WINAL50-005
WINAL75-080
WINAL100-020
Product
thickness※1
Surface
resistance
Total light
transmittance
Surface temperature
range for use
Flame resistance
Standard
WINAL50-005
μm
Ω/□
%
℃
ー
−
JIS K 7194
JIS K 7136
−
UL94
94
5
−30
~80
―
WINAL100-020
100
20
76
WINAL75-080
VTM-2 equivalent
75
80
PET adhesive film
Transparent conductive film
WINAL75-080
PET film(75μm)
Surface protection film
(clear)
Transparent conductive film
PET film(100μm)
WINAL100-020
Surface protection film
(clear)
Frequency (MH
z)
0
10
20
30
40
50
100
1000
10000
※1)Surface protection film not included
● Attaching conductive fabric tape
● Cutting in any size
● Holepunching, etc.
Hole punching
Conductive
fabric tape
■ Additional process
Transparent
conductive film
■ Product structure
■Properties
Surface protection film
(green)
Surface protection film
(green)
Surface protection film
(clear)
Unit
Item


Similar Part No. - WINAL

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WIN TTELEC-WIN Datasheet
826Kb / 3P
Water Insoluble Nitride Thin Film Precision Chip Resistors
01.23
logo
ATMEL Corporation
WINC1000 ATMEL-WINC1000 Datasheet
1Mb / 25P
IEEE 802.11 b/g/n IoT Module
WINC1000-MR110PA ATMEL-WINC1000-MR110PA_14 Datasheet
1Mb / 25P
IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA Datasheet
1Mb / 24P
IEEE 802.11 b/g/n IoT Module
WINC1500-MR210PA ATMEL-WINC1500-MR210PA_14 Datasheet
1Mb / 24P
IEEE 802.11 b/g/n IoT Module
More results

Similar Description - WINAL

ManufacturerPart #DatasheetDescription
logo
StarHope
AESD03FB SPSEMI-AESD03FB Datasheet
61Kb / 3P
Electro-Static Discharge for Aotomobile
AESD05CB SPSEMI-AESD05CB Datasheet
51Kb / 3P
Electro-Static Discharge for Aotomobile
AESD05EB SPSEMI-AESD05EB Datasheet
52Kb / 3P
Electro-Static Discharge for Aotomobile
AESD05G2B SPSEMI-AESD05G2B Datasheet
64Kb / 3P
Electro-Static Discharge for Aotomobile
ALSD05BT SPSEMI-ALSD05BT Datasheet
58Kb / 3P
Electro-Static Discharge for Aotomobile
AUSD03FB SPSEMI-AUSD03FB Datasheet
125Kb / 3P
Electro-Static Discharge for Aotomobile
AUSD05BT SPSEMI-AUSD05BT Datasheet
112Kb / 4P
Electro-Static Discharge for Aotomobile
AUSD05FB SPSEMI-AUSD05FB Datasheet
126Kb / 3P
Electro-Static Discharge for Aotomobile
AUSD12CB SPSEMI-AUSD12CB Datasheet
163Kb / 3P
Electro-Static Discharge for Aotomobile
AUSD12FB SPSEMI-AUSD12FB Datasheet
125Kb / 3P
Electro-Static Discharge for Aotomobile
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com