Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72681 Datasheet(PDF) 30 Page - STMicroelectronics

Part # ST72681
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button ST72681_07 Datasheet HTML 24Page - STMicroelectronics ST72681_07 Datasheet HTML 25Page - STMicroelectronics ST72681_07 Datasheet HTML 26Page - STMicroelectronics ST72681_07 Datasheet HTML 27Page - STMicroelectronics ST72681_07 Datasheet HTML 28Page - STMicroelectronics ST72681_07 Datasheet HTML 29Page - STMicroelectronics ST72681_07 Datasheet HTML 30Page - STMicroelectronics ST72681_07 Datasheet HTML 31Page - STMicroelectronics ST72681_07 Datasheet HTML 32Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Device ordering information
ST72681
30/32
9
Device ordering information
Table 28.
Feature comparison table
Features added in the
ST72681/R21 versus ST72681/R20
Description
Support for up to 4 NAND Flash devices
Firmware revision R21 upgrades the number of
supported NAND Flash devices from 1 to 4 in a
single channel.
Continued AutoRun CDROM partition support
AutoRun runs a program when the USB Flash Drive
is inserted into a computer.
Table 29.
Ordering information
Part number
Package
Operating
voltage
Temperature
range
ST72681/R20
TQFP48 7x7mm
3.0V to 3.6V
0°C to +70°C
ST72681/R21 (latest firmware revision)
TQFP48 7x7mm
3.0V to 3.6V
0°C to +70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com