Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFP Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFP
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFP Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFP Datasheet HTML 29Page - Renesas Technology Corp R7FA2L1AB2DFP Datasheet HTML 30Page - Renesas Technology Corp R7FA2L1AB2DFP Datasheet HTML 31Page - Renesas Technology Corp R7FA2L1AB2DFP Datasheet HTML 32Page - Renesas Technology Corp R7FA2L1AB2DFP Datasheet HTML 33Page - Renesas Technology Corp R7FA2L1AB2DFP Datasheet HTML 34Page - Renesas Technology Corp R7FA2L1AB2DFP Datasheet HTML 35Page - Renesas Technology Corp R7FA2L1AB2DFP Datasheet HTML 36Page - Renesas Technology Corp R7FA2L1AB2DFP Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 114 page
background image
Tj is calculated by either of the following equations.
● Tj = Ta + θja × Total power consumption
● Tj = Tt + Ψjt × Total power consumption
Tj : Junction temperature (°C)
Ta : Ambient temperature (°C)
Tt : Top center case temperature (°C)
θja : Thermal resistance of “Junction”-to-“Ambient” (°C/W)
Ψjt : Thermal resistance of “Junction”-to-“Top center case” (°C/W)
● Total power consumption = Voltage × (Leakage current + Dynamic current)
● Leakage current of IO = Σ (IOL × VOL) / Voltage + Σ (|IOH| × |VCC – VOH|) / Voltage
● Dynamic current of IO = Σ IO (Cin + Cload) × IO switching frequency × Voltage
Cin: Input capacitance
Cload: Output capacitance
Regarding θja and Ψjt, see Table 2.16.
Table 2.16
Thermal resistance
Parameter
Package
Symbol
Value*1
Unit
Test conditions
Thermal resistance
48-pin HWQFN
θja
18.0
℃/W
JESD 51-2 and 51-7
compliant
48-pin LQFP
59.7
64-pin LQFP
50.8
80-pin LQFP
52.0
100-pin LQFP
52.2
48-pin HWQFN
Ψjt
0.14
℃/W
JESD 51-2 and 51-7
compliant
48-pin LQFP
1.97
64-pin LQFP
1.48
80-pin LQFP
1.48
100-pin LQFP
1.48
Note 1. The values are reference values when the 4-layer board is used. Thermal resistance depends on the number of layers or size of the
board. For details, see the JEDEC standards.
2.3
AC Characteristics
2.3.1
Frequency
Table 2.17
Operation frequency in high-speed operating mode
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Parameter
Symbol
Min
Typ
Max*4
Unit
Operation
frequency
System clock (ICLK)*1*2
1.8 to 5.5 V
f
0.032768 —
48
MHz
Peripheral module clock (PCLKB)
1.8 to 5.5 V
—
—
32
Peripheral module clock (PCLKD)*3
1.8 to 5.5 V
—
—
64
Note 1. The lower-limit frequency of ICLK is 1 MHz while programming or erasing the flash memory. When using ICLK for programming or
erasing the flash memory at below 4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer frequency such as
1.5 MHz cannot be set.
Note 2. The frequency accuracy of ICLK must be ± 1.0% during programming or erasing the flash memory. Confirm the frequency accuracy
of the clock source.
Note 3. The lower-limit frequency of PCLKD is 1 MHz when the ADC12 is in use.
Note 4. The maximum value of operation frequency does not include internal oscillator errors. For details on the range for guaranteed
operation, see Table 2.21.
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 33 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com