Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA2L1AB2DFN Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFN
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFN Datasheet(HTML) 4 Page - Renesas Technology Corp

  R7FA2L1AB2DFN Datasheet HTML 1Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 2Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 3Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 4Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 5Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 6Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 7Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 8Page - Renesas Technology Corp R7FA2L1AB2DFN Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 114 page
background image
Table 1.6
Timers (2 of 2)
Feature
Functional description
Realtime Clock (RTC)
The RTC has two operation modes, normal operation mode and low-consumption clock mode. In
each of the operation mode, the RTC has two counting modes, calendar count mode and binary
count mode, that are used by switching register settings. For calendar count mode, the RTC
has a 100-year calendar from 2000 to 2099 and automatically adjusts dates for leap years. For
binary count mode, the RTC counts seconds and retains the information as a serial value. Binary
count mode can be used for calendars other than the Gregorian (Western) calendar.
Table 1.7
Communication interfaces
Feature
Functional description
Serial Communications Interface (SCI)
The Serial Communications Interface (SCI) × 5 channels have asynchronous and synchronous
serial interfaces:
● Asynchronous interfaces (UART and Asynchronous Communications Interface Adapter
(ACIA))
● 8-bit clock synchronous interface
● Simple IIC (master-only)
● Simple SPI
● Smart card interface
The smart card interface complies with the ISO/IEC 7816-3 standard for electronic signals and
transmission protocol. SCIn (n = 0) has FIFO buffers to enable continuous and full-duplex
communication, and the data transfer speed can be configured independently using an on-chip
baud rate generator.
I2C bus interface (IIC)
The I2C bus interface (IIC) has 2 channels. The IIC module conforms with and provides a subset
of the NXP I2C (Inter-Integrated Circuit) bus interface functions.
Serial Peripheral Interface (SPI)
The Serial Peripheral Interface (SPI) has 2 channels. The SPI provides high-speed full-duplex
synchronous serial communications with multiple processors and peripheral devices.
Control Area Network (CAN)
The Controller Area Network (CAN) module uses a message-based protocol to receive and
transmit data between multiple slaves and masters in electromagnetically noisy applications. The
module complies with the ISO 11898-1 (CAN 2.0A/CAN 2.0B) standard and supports up to 32
mailboxes, which can be configured for transmission or reception in normal mailbox and FIFO
modes. Both standard (11-bit) and extended (29-bit) messaging formats are supported. The CAN
module requires an additional external CAN transceiver.
Table 1.8
Analog
Feature
Functional description
12-bit A/D Converter (ADC12)
A 12-bit successive approximation A/D converter is provided. Up to 19 analog input channels
are selectable. Temperature sensor output and internal reference voltage are selectable for
conversion.
12-bit D/A Converter (DAC12)
A 12-bit D/A converter (DAC12) is provided.
Temperature Sensor (TSN)
The on-chip Temperature Sensor (TSN) determines and monitors the die temperature for
reliable operation of the device. The sensor outputs a voltage directly proportional to the die
temperature, and the relationship between the die temperature and the output voltage is fairly
linear. The output voltage is provided to the ADC12 for conversion and can be further used by
the end application.
Low-Power Analog Comparator
(ACMPLP)
The Low-Power Analog Comparator (ACMPLP) compares a reference input voltage with an
analog input voltage. Comparator channels ACMPLP0 and ACMPLP1 are independent of each
other.
The comparison result of the reference input voltage and analog input voltage can be read by
software. The comparison result can also be output externally. The reference input voltage can
be selected from either an input to the CMPREFi (i = 0, 1) pin or from the internal reference
voltage (Vref) generated internally in the MCU.
The ACMPLP response speed can be set before starting an operation. Setting high-speed mode
decreases the response delay time, but increases current consumption. Setting low-speed mode
increases the response delay time, but decreases current consumption.
RA2L1 Datasheet
1. Overview
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 4 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com