Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT9000 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9000
Description  Plastic, SMD controlled clock oscillator.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9000 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9000 Datasheet HTML 1Page - Advanced Crystal Technology ACT9000 Datasheet HTML 2Page - Advanced Crystal Technology ACT9000 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Table 1 Frequency v Stability (Temperature, Aging, Vdd+/-10%, Load, and Tolerance at 25°C)
Condition
Please specify
Please specify
6nS (24.0 ~ 29.9 MHz)
36.0 ~ 66.6MHz (3rd O/T)
66.7 ~ 180MHz (PLL)
66.7 ~ 70.0MHz (PLL)
Please specify
@25°C
0.4VDC max (TTL)
10% VDD max (HCMOS)
3nS (60.0 ~70.0 MHz)
±5ppm / year
Please specify
6nS (24.0 ~ 29.9 MHz)
Output Level ‘1’
3nS (60.0~ 79.9 MHz)
2nS (80.0 ~ 110.0 MHz)
1nS (110.1 ~ 180.0 MHz)
VOH
2.4VDC min (TTL)
90% VDD min (HCMOS)
8nS (1.50 ~ 23.9 MHz)
Rise & Fall Time (max)
1.50 ~ 35.328 MHz ( fundamental)
50mA (30.0 ~ 69.9 MHz)
60mA (70.0 ~ 79.9 MHz)
-55 to +125°C
25mA (1.50 ~ 7.9MHz)
45mA (8.0 ~ 29.9 MHz)
60mA (30.0 ~ 70.0 MHz)
Aging
4nS (30.0 ~ 59.9 MHz)
4nS (30.0 ~ 59.9 MHz)
TrTf
N/CL
Fa
8nS (1.50 ~ 23.9 MHz)
5TTL / 15pF
10TTL/50pF
Output Load
Temp Operating Range
Please refer to Table 1
Vdd
Δf/fo
Topr
Supply Voltage
Frequency Range
fo
Please specify
Supply Current (max)
40mA (8.0 ~29.9 MHz)
Frequency Stability
Please refer to Table 1
Temp Storage Range
Tstg
Iop
20mA (1.50 ~ 7.9 MHz)
Tel :
0044 (0)118 979 1238
Fax :
0044 (0)118 979 1283
email :
info@actcrystals.com
ACT9000
Output Level ‘0’
65mA (80.0 ~ 110.0 MHz)
70mA (110.1 ~ 180.0 MHz)
VOL
40/60% (45/55% available)
Duty Cycle
Tw/t
The ACT9000 is a "J" leaded Plastic, SMD, Tristate Enable/ Disable controlled clock oscillator.
This 14 x 9.8mm device can be used in a wide range of applications, especially where board space
requires small size, and automatic assembly is desirable. Offering a wide frequency range and two voltage
options, it is suitable for design into many applications including Communications Equipment, Audio
Visual, Measuring Instruments and many, many more.
N.B. There is no red phosphorus present in this product.
In line with our ongoing policy of product evolvement and improvement, the above specification may be subject to change without notice
ISO9001:2000 Registered
For quotations or further information please contact us at:
Specification
Specification
3.3VDC ± 10%
5.0VDC ±10%
Parameter
http://www.actcrystals.com
-40 ~ +85 °C
3 The Business Centre, Molly Millars Lane, Wokingham, Berkshire, RG41 2EY, UK
Please note that all parameters can not necessarily be specified in the same device
Customer to specify : Frequency, Frequency Stability, Operating Temperature Range, Voltage, Duty Cycle
-10 ~ +70°C
-20 ~ +70°C
+/-20ppm
+/-25ppm
Symbol
+/-50ppm
+/-100ppm
+/-30ppm
Standard
Issue: 4 D2
Date: 26/09/05
pad surface material
Ag
1 of 3


Similar Part No. - ACT9000

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT90 ACT-ACT90 Datasheet
290Kb / 4P
miniature surface mount Watch Crystal
16/06/05
More results

Similar Description - ACT9000

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-327SMO ECS-ECS-327SMO Datasheet
136Kb / 1P
SMD CLOCK OSCILLATOR
ECS-2025 ECS-ECS-2025 Datasheet
249Kb / 2P
SMD CLOCK OSCILLATOR
ECS-3951M ECS-ECS-3951M Datasheet
120Kb / 1P
SMD CLOCK OSCILLATOR
ECS-2532HS ECS-ECS-2532HS Datasheet
194Kb / 2P
SMD CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-1633 ETC2-ECS-1633 Datasheet
804Kb / 1P
SMD CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-327KE ECS-ECS-327KE Datasheet
513Kb / 2P
SMD CLOCK OSCILLATOR
ECS-2018 ECS-ECS-2018_10 Datasheet
626Kb / 3P
SMD CLOCK OSCILLATOR
ECS-2532HS ECS-ECS-2532HS_12 Datasheet
1Mb / 3P
SMD CLOCK OSCILLATOR
logo
TEMEX
RXO7050M TEMEX-RXO7050M Datasheet
815Kb / 9P
SMD Clock Oscillator
logo
ECS, Inc.
ECS-1633 ECS-ECS-1633 Datasheet
804Kb / 1P
SMD CLOCK OSCILLATOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com