Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT9210 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9210
Description  LVPECL , PECL , LVDS OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9210 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9210 Datasheet HTML 1Page - Advanced Crystal Technology ACT9210 Datasheet HTML 2Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12kHz-20MHz
Table 1 Frequency stability v ( temperature, tolerance at 25°C, load, Vdd (+/-5%), and aging.)
The ACT9210 PECL / LVDS Oscillator is a miniature low profile device allowing for frequencies up to
180.0MHz to be available in a 7X5 mm Surface Mount package, utilising fundamental and 3rd overtone
crystals. The metal lid is grounded through the ceramic package and the pads are gold plated. This device is
particularly suited to Communications / Networking applications and also to many other applications where a
low voltage PECL / LVDS output is required. Only 7x5mm this device is particularly popular where board
space dictates small size and / or automatic assembly is a requirement. The devices are available loose or
taped and reeled to suit both low and higher volume requirements.
Temp Operating Range
Temp Storage Range
Output Level ‘1’
Duty Cycle
Output Level ‘0’
Supply Voltage
Supply Current (max)
0 ~ +70°C Std, -40 ~ +85°C also avail.
-55 to +125°C
Aging
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
Specification
Please note that all parameters can not necessarily be specified in the same device
VOL
Customer to specify :Frequency, Frequency Stability, Operating Temperature Range, Output enable, Voltage, Duty Cycle & Output type
Symbol
Parameter
50% +/- 5% ( 50% of waveform )
Please specify
Tw/t
Output Load
Start-up Time
Rise & Fall Time (max)
Topr
Tstg
VDD
Iop
fo
Df/fo
Frequency Range
Frequency Stability
Vdd - 1.024 V min (PECL), 1.375 V min (LVDS),
2.5VDC ± 5%
3.3VDC ± 5%
5.0VDC ± 5%
70mA max
80mA max
120mA max
Condition
Specification
19.44MHz ~ 180.0MHz
Please refer to table 1
@ 20 ~ 80% of Waveform
Tj
@ 20 ~ 80% of Waveform
600ps typ., 850ps max
Tosc
Vdd - 2.0Vdc to 50
Ω (LV/PECL), 100Ω differential Load (LVDS)
10mS max
±3ppm / year max
Phase Jitter
Tel :
0044 (0) 118 979 1238
Fax :
0044 (0) 118 979 1283
email :
info@actcrystals.com
500ps typ., 850ps max
Vdd -1.620 V max (PECL), 1.125 V max (LVDS)
Please specify
Please specify
LVPECL / PECL
ACT9210 LVPECL / PECL / LVDS OSCILLATOR
1.0pS RMS max
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Fa
Tr/Tf
N/CL
VOH
+/-25ppm
+/-30ppm
+/-50ppm
+/-100ppm
-10~+70°C
+/-20ppm
-40~+85°C
-20~+70°C
Issue : 4 D2
Date : 9-11-05
Pad surface material Au


Similar Part No. - ACT9210

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
LVPECL or LVDS Clock Oscillator
13/2/08
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
LVPECL , LVDS OSCILLATOR
9/11/05
ACT9213 ACT-ACT9213 Datasheet
272Kb / 3P
LVPECL OSCILLATOR
16/08/05
ACT9214 ACT-ACT9214 Datasheet
276Kb / 3P
LVDS OSCILLATOR
16/08/05
More results

Similar Description - ACT9210

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY55855V MICREL-SY55855V Datasheet
83Kb / 7P
DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
SY55855V MICREL-SY55855V_05 Datasheet
79Kb / 8P
DUAL CML/PECL/LVPECL-to-LVDS TRANSLATOR
logo
Advanced Crystal Techno...
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
LVPECL,LVDS Oscillator
01/08/05
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
LVPECL or LVDS Clock Oscillator
13/2/08
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
LVPECL , LVDS OSCILLATOR
9/11/05
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
LVPECL or LVDS CLOCK OSCILLATOR
logo
Semtech Corporation
SK1300 SEMTECH-SK1300 Datasheet
117Kb / 6P
PECL / LVPECL to LVDS Translator
logo
Vectron International, ...
VC-806_1106 VECTRON-VC-806_1106 Datasheet
176Kb / 7P
LVPECL, LVDS Crystal Oscillator
logo
Microchip Technology
VC-714 MICROCHIP-VC-714 Datasheet
1Mb / 18P
LVPECL, LVDS Crystal Oscillator
02/28/20
VC-830 MICROCHIP-VC-830 Datasheet
1Mb / 18P
LVPECL, LVDS Crystal Oscillator
02/28/20
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com