Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT9214 Datasheet(PDF) 1 Page - Advanced Crystal Technology

Part # ACT9214
Description  LVDS OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACT9214 Datasheet(HTML) 1 Page - Advanced Crystal Technology

  ACT9214 Datasheet HTML 1Page - Advanced Crystal Technology ACT9214 Datasheet HTML 2Page - Advanced Crystal Technology ACT9214 Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Please specify
Refer to test circuit on page 3
* Inclusive of 25°C Tolerance, Operating temperature stability, Vdd, Output load, first year aging, shock and vibration
Standard frequencies MHz
12kHz to 20MHz
Please specify
Please specify
106.25
156.25
Within ±0.5ppm of fo & power to 90%
final amplitude
Others available please enquire
OE low
Enable Voltage low
Venl
0.3Vdd max
Standby Current
Isb
10
μA max
Output Enable Function
Pin 1
Enable Voltage high
Venh
0.7Vdd min
155.52
The ACT9214 LVDS Oscillator is a miniature low profile device allowing for frequencies up to 350.0MHz to be
available in a 7X5 mm SMD package. The metal lid is grounded through the ceramic package and the pads are gold
plated. This device is particularly suited to Communications / Networking applications and also to many other
applications where a low voltage LVDS output is required. Only 7x5mm this device is particularly popular where
board space dictates small size and / or automatic assembly is a requirement. The devices are available loose or
taped and reeled to suit both low and higher volume requirements.
Temp Operating Range
Temp Storage Range
Output Level ‘1’
Duty Cycle
Output Level ‘0’
Supply Voltage
Supply Current (max)
-20 ~ +70°C Standard
Aging
In line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without notice
Specification
Please note that all parameters can not necessarily be specified in the same device
VOL
Customer to specify :Frequency, Vdd, Frequency Stability, Operating Temperature Range
Symbol
Parameter
50% ± 10%
125.00
Tw/t
Output Load
Start-up Time
Rise & Fall Time (max)
Ta 25°C
Phase Jitter
fo
Δf/fo
Frequency Range
Frequency Stability
Top
Tstg
Vdd
Iop
3.3V (2.375V Min) 2.5V (3.465V max)
99mA (85mA typical)
Condition
Specification
40 ~ 350MHz
±20 ~ ±100ppm max
*
-55 ~ +125°C
100
Ω
5ms max
±3.0 ppm/yr max
1.43V typical
ISO9001:2000 Registered
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
Fa
Tr/Tf
N/CL
VOH
187.50
212.50
Tj
Tosc
ACT9214 LVDS OSCILLATOR
1.0ps
Tel :
0044 (0) 118 979 1238
Fax :
0044 (0) 118 979 1283
email :
info@actcrystals.com
2.0ns max
1.1V typical
Issue : 1 T6
Date :16/08/05
Lead free - RoHS comp.
Pad surface plating Au 0.7-
1.2um
Page 1 of 3


Similar Part No. - ACT9214

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9210 ACT-ACT9210 Datasheet
118Kb / 2P
LVPECL , PECL , LVDS OSCILLATOR
9-11-05
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
LVPECL or LVDS Clock Oscillator
13/2/08
ACT9212 ACT-ACT9212 Datasheet
181Kb / 2P
LVPECL , LVDS OSCILLATOR
9/11/05
ACT9213 ACT-ACT9213 Datasheet
272Kb / 3P
LVPECL OSCILLATOR
16/08/05
More results

Similar Description - ACT9214

ManufacturerPart #DatasheetDescription
logo
Advanced Crystal Techno...
ACT9209 ACT-ACT9209 Datasheet
67Kb / 2P
LVPECL,LVDS Oscillator
01/08/05
logo
Golledge Electronics Lt...
GXO-L71 GOLLEDGE-GXO-L71_06 Datasheet
97Kb / 2P
3.3V LVDS Oscillator
logo
List of Unclassifed Man...
CHLZ-A5BP ETC2-CHLZ-A5BP Datasheet
53Kb / 1P
LVDS Oscillator LVDS Output
CALZ-A5BP22.5792TS ETC2-CALZ-A5BP22.5792TS Datasheet
52Kb / 1P
LVDS Oscillator
logo
Crystek Corporation
CCLD-023 CRYSTEKCRYSTAL-CCLD-023_15 Datasheet
85Kb / 3P
LVDS Clock Oscillator
CCLD-024 CRYSTEKCRYSTAL-CCLD-024_15 Datasheet
84Kb / 3P
LVDS Clock Oscillator
CCLD-034 CRYSTEKCRYSTAL-CCLD-034_15 Datasheet
84Kb / 3P
LVDS Clock Oscillator
logo
Golledge Electronics Lt...
GXO-L71 GOLLEDGE-GXO-L71_16 Datasheet
153Kb / 2P
3.3V LVDS Oscillator
logo
Connor-Winfield Corpora...
LMXXX CONNOR-WINFIELD-LMXXX Datasheet
310Kb / 2P
LVDS Clock Oscillator
logo
Fox Electronics
O7LS FOX-O7LS Datasheet
229Kb / 3P
7x5mm LVDS Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com