Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RA4E1 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RA4E1
Description  Renesas Microcontrollers
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA4E1 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RA4E1_V01 Datasheet HTML 4Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 5Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 6Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 7Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 8Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 9Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 10Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 11Page - Renesas Technology Corp RA4E1_V01 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 81 page
background image
1.4
Function Comparison
Table 1.13
Function Comparison
Parts number
R7FA4E10D2CFM
R7FA4E10B2CFM
R7FA4E10D2CNE
R7FA4E10B2CNE
Pin count
64
48
Package
LQFP
QFN
Code flash memory
512KB
256KB
Data flash memory
8 KB
SRAM
128 KB
Parity
64 KB
Standby SRAM
1 KB
DMA
DTC
Yes
DMAC
8
System
CPU clock
100 MHz (max.)
CPU clock sources
MOSC, SOSC, HOCO, MOCO, LOCO, PLL
CAC
Yes
WDT/IWDT
Yes
Backup register
128 B
Communication
SCI*1
4
IIC
1
SPI
1
CAN
1
USBFS
Yes
QSPI
Yes
Timers
GPT32*1
2
GPT16*1
2
AGT*1
5
RTC
Yes
Analog
ADC12
9
7
DAC12
1
Data processing
CRC
Yes
DOC
Yes
Event control
ELC
Yes
Security
SCE9*2, TrustZone, and Lifecycle management
I/O ports
I/O pins
43
29
Input pins
1
1
Pull-up resistors
44
30
N-ch Open-drain outputs
43
29
5-V tolerance
9
4
Note 1. Available pins depend on the Pin count, about details see section 1.7. Pin Lists.
Note 2. Only access control circuit, random number generation circuit, and unique ID are supported. The operation of other circuits is not
guaranteed.
RA4E1 Datasheet
1. Overview
R01DS0391EJ0130 Rev.1.30
Jun 6, 2025
Page 8 of 81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com