Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AA5060PBS/Z Datasheet(PDF) 1 Page - Kingbright Corporation

Part # AA5060PBS/Z
Description  5.0X6.0mm SURFACE MOUNT LED LAMP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

AA5060PBS/Z Datasheet(HTML) 1 Page - Kingbright Corporation

  AA5060PBS/Z Datasheet HTML 1Page - Kingbright Corporation AA5060PBS/Z Datasheet HTML 2Page - Kingbright Corporation AA5060PBS/Z Datasheet HTML 3Page - Kingbright Corporation AA5060PBS/Z Datasheet HTML 4Page - Kingbright Corporation AA5060PBS/Z Datasheet HTML 5Page - Kingbright Corporation AA5060PBS/Z Datasheet HTML 6Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SPEC NO: DSAH4670
REV NO: V.1
DATE: MAY/28/2007
PAGE: 1 OF 6
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: D.M.LIU
ERP:1201003010
Part Number: AA5060PBS/Z
BLUE
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
PRELIMINARY SPEC
Description
The Blue source color devices are made with InGaN Light
Emitting Diode.
Static electricity and surge damage the LEDS.
It is recommended to use a wrist band or anti-electrostatic
glove when handling the LEDs.
All devices, equipment and machinery must be electrically
grounded.
Package Dimensions
5.0X6.0mm SURFACE MOUNT LED LAMP
Features
SINGLE COLOR.
SUITABLE FOR ALL SMT ASSEMBLY AND SOLDER
PROCESS.
AVAILABLE ON TAPE AND REEL.
IDEAL FOR BACKLIGHTING.
PACKAGE : 500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - AA5060PBS/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA5060PBS/Z KINGBRIGHT-AA5060PBS/Z Datasheet
283Kb / 6P
5.0X6.0mm SURFACE MOUNT LED LAMP
More results

Similar Description - AA5060PBS/Z

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA5060PBC KINGBRIGHT-AA5060PBC_1 Datasheet
201Kb / 4P
5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SEC KINGBRIGHT-AA5060SEC_1 Datasheet
232Kb / 5P
5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SYC KINGBRIGHT-AA5060SYC Datasheet
211Kb / 4P
5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SYC KINGBRIGHT-AA5060SYC_1 Datasheet
233Kb / 5P
5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060TGC KINGBRIGHT-AA5060TGC Datasheet
190Kb / 4P
5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SYC-E KINGBRIGHT-AA5060SYC-E Datasheet
206Kb / 4P
5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SURC-G KINGBRIGHT-AA5060SURC-G Datasheet
185Kb / 4P
5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SEC-J KINGBRIGHT-AA5060SEC-J Datasheet
129Kb / 5P
5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060SEC-E KINGBRIGHT-AA5060SEC-E Datasheet
204Kb / 4P
5.0X6.0mm SURFACE MOUNT LED LAMP
AA5060PBC-G KINGBRIGHT-AA5060PBC-G Datasheet
199Kb / 4P
5.0X6.0mm SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com