Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG2409XP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # HG2409XP
Description  HyperLink Wireless 2.4 GHz 9 dBi Cross Polarized Flat Panel Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG2409XP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  HG2409XP Datasheet HTML 1Page - Infinite Electronics International, Inc. HG2409XP Datasheet HTML 2Page - Infinite Electronics International, Inc. HG2409XP Datasheet HTML 3Page - Infinite Electronics International, Inc. HG2409XP Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
HyperLink Wireless 2.4 GHz 9 dBi Cross Polarized Flat Panel Antenna
Model: HG2409XP
Applications
2.4 GHz Wireless LAN systems
IEEE 802.11b/g/n applications
2.4 GHz wireless video systems
Dual diversity / dual antenna MIMO radios
Public wireless hotspots
Features
Independent cross polarized (X-Pol) antennas within one
enclosure
Dual polarity feed system - (2) N-Female connectors
Durable UV-stable, UL flame rated radome with integral
mounting flanges
All weather operation
Optional tilt-and-swivel pole mount kit available
Description
The Hyperlink HG2409XP is a high performance flat patch antenna designed with two independent cross polarized
internal antennas fed via (2) connectors. Suitable for indoor and outdoor applications in the 2.4GHz (2400-2500
MHz) band, the HG2409XP is designed primarily for MIMO point-to-multipoint and point-to-point applications. The
unit can be used with APs and Routers with 1 or 2 antenna ports.
Cross Polarized
The HG2409XP features two independent antennas that are cross polarization. This feature doubles the wireless
capacity over the same channels. Each antenna is fed via two N-Female ports, one for +45° polarized and one for
-45° polarized signals. This feature makes this antenna ideal for polarization diversity systems.
The HG2409XP is lightweight and features a durable aesthetic UV-
stable, UL flame rated white plastic radome which can also be
painted to match the room or building structure. Integral mounting
flanges ease installation. In addition, the optional HGX-PMT06 can
be purchased for mounting the HG2409XP to 1.2” to 2” diameter
masts. This mounting kit attaches directly to the back of the
antenna.


Similar Part No. - HG2409XP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
HG2409MGRD-RSP L-COM-HG2409MGRD-RSP Datasheet
56Kb / 1P
2.4 GHz 9dBi RUBBER DUCK ANTENNA W/MAG MOUNT, 5 FOOT 100 SERIES CABLE AND CONNECTOR
07/09/13
HG2409MGU-NF L-COM-HG2409MGU-NF Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
HG2409MGU-NM L-COM-HG2409MGU-NM Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
HG2409MGU-RSP L-COM-HG2409MGU-RSP Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
HG2409MGU-RTP L-COM-HG2409MGU-RTP Datasheet
121Kb / 2P
HyperLink 2.4 GHz 8.5 dBi Omnidirectional Wireless LAN Antenna with Magnetic Base
More results

Similar Description - HG2409XP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1030 PULSE-W1030 Datasheet
1Mb / 2P
Wireless External Antenna for 2.4 GHz Applications
W1038 PULSE-W1038 Datasheet
774Kb / 2P
Wireless External Antenna for 2.4 GHz Applications
logo
List of Unclassifed Man...
FGPANEL01 ETC2-FGPANEL01 Datasheet
518Kb / 6P
2.4 GHz panel antenna
FGPANEL02 ETC2-FGPANEL02 Datasheet
578Kb / 6P
2.4 GHz Panel antenna
FGPANEL66 ETC2-FGPANEL66 Datasheet
411Kb / 5P
2.4 GHz panel antenna
HG2458CU-NF ETC2-HG2458CU-NF Datasheet
164Kb / 3P
HyperLink brand 2.3 GHz to 6 GHz Super Broadband 3 dBi Omnidirectional Ceiling Wireless LAN Antenna - Model HG2458CU
HG2405RD-RSP ETC2-HG2405RD-RSP Datasheet
110Kb / 2P
HyperLink Wireless 2.4 GHz 5.5 dBi Reverse Polarity-SMA Rubber Duck Wireless LAN Antenna
HG5829D ETC2-HG5829D Datasheet
123Kb / 2P
HyperLink Wireless 5.8 GHz 29 dBi ISM / UNII Band High Performance Parabolic Dish Wireless LAN Antenna
logo
Pulse A Technitrol Comp...
W1010 PULSE-W1010 Datasheet
663Kb / 2P
Wireless External Antenna for 2.4 GHz Application
W1038M PULSE-W1038M Datasheet
660Kb / 8P
Wireless External Antenna for 2.4 GHz Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com