Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HG74207DPPR-NF Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # HG74207DPPR-NF
Description  698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated VH-pol MIMO Panel Antenna, 5-7 dBi, Wall Mount, 2 x Type N Female Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

HG74207DPPR-NF Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  HG74207DPPR-NF Datasheet HTML 1Page - Infinite Electronics International, Inc. HG74207DPPR-NF Datasheet HTML 2Page - Infinite Electronics International, Inc. HG74207DPPR-NF Datasheet HTML 3Page - Infinite Electronics International, Inc. HG74207DPPR-NF Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
USA & Canada +1(800) 341-5266 | International +1(978) 682-6936 | L-com.com
2
HG74207DPPR-NF REV 1.0 | © 2020 Infinite Electronics, Inc. L-com is a registered trademark of Infinite Electronics, Inc.
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated VH-pol
MIMO Panel Antenna, 5-7 dBi, Wall Mount, 2 x Type N Female Connector
HG74207DPPR-NF
Impedance
50
Ohms
Gain
5
dBi
Gain
7
dBi
Input Power
100
Watts
Passive Intermodulation
-153
3rd Order, 2 x 20 W
.
Specifications by Band
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Range
0.698 to 0.806
0.806 to 0.96
1.71 to 2.7
3.4 to 4.2
GHz
Gain
5
6
7
7
dBi
Horizontal HPBW
80
80
65
35
Degrees
Vertical HPBW
73
70
60
30
Degrees
VSWR Max
2:1
2:1
2:1
2:1
.
e
Mechanical Specifications
Radome Material
PVC
Size
Length
15.75 in [400.05 mm]
Width
7.09 in [180.09 mm]
Height
2.44 in [61.98 mm]
Weight
3.3 lbs [1.5 kg]
Environmental Specifications
Temperature
Operating Range
-55 to +60 deg C
Humidity
< 95
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
698-960 MHz / 1710-2700 MHz / 3400-4200 MHz Low PIM Rated VH-pol MIMO Panel Antenna, 5-7 dBi, Wall Mount, 2 x Type N
Female Connector from L-com has same day shipment for domestic and International orders. Our portfolio includes coaxial cable



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com