Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO32051AST5 Datasheet(PDF) 4 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO32051AST5
Description  0.5 MHz, 24 μA, Rail-to-Rail I/O CMOS Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO32051AST5 Datasheet(HTML) 4 Page - DIOO MICROCIRCUITS CO., LTD

  DIO32051AST5 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO32051AST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
DIO32051/1A/2/4
www.dioo.com
© 2024 DIOO MICROCIRCUITS CO., LTD
DIO32051/1A/2/4• Rev. 1.6
Electrical Characteristics
Typical value: V+ = 5 V, V- = 0 V, RL = 100 kΩ to V+/2, TA = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Input characteristics
VOS
Input offset voltage
-40°C ≤ TA ≤ 125°C, V+ = 2.1 V to 5 V
-3
0
3
mV
IB
Input bias current
V+ = 2.1 V to 5 V
20
pA
IOS
Input offset current
V+ = 2.1 V to 5 V
10
pA
VCM
Common mode voltage range
0.1
(V+)
+0.1
V
CMRR
Common mode rejection ratio
-40°C ≤ TA≤ 125°C,
VCM = -0.1 to (V+) + 0.1
75
dB
AOL (1)
Open loop voltage gain
RL= 5 kΩ, VO = 0.1 to (V+) - 0.1
80
102
dB
RL= 200 kΩ, VO = 0.1 to (V+) - 0.1
100
128
dVOS/dt
Input offset voltage drift
-40°C ≤ TA≤ 125°C
2.5
µV/°C
Output characteristics
VOH
Output voltage high
V+ = 5 V, RL= 100 kΩ,
-40°C ≤ TA≤ 125°C
4.995
V
V+ = 2.1 V, RL= 100 kΩ,
-40°C ≤ TA≤ 125°C
1.79
VOL
Output voltage low
V+ = 5 V, RL= 100 kΩ,
-40°C ≤ TA≤ 125°C
5
mV
V+ = 2.1 V, RL = 100 kΩ,
-40°C ≤ TA≤ 125°C
5
ISC
Output short circuit current
Source ISC, V+ = 5 V
28
mA
Sink ISC, V+ = 5 V
28
Power supply
PSRR
Power supply rejection ration
65
85
dB
IS
Supply current per channel/amp
-40°C ≤ TA≤ 125°C
24
µA
Dynamic performance
GBP
Gain bandwidth product
RL = 100 kΩ, CL= 100 pF
0.5
MHz
SR
Slew rate
G = 1, 2 V output step
0.29
V/µs
tS
Settling time
G = 1, 2 V output step
4
µs
Noise performance
THD
Total harmonic distortion
f =10 kHz, 2 V output step, RL= 10 kΩ
0.02
%
en
Voltage noise density
f = 1 kHz
66
nV/√Hz
f = 10 kHz
54
Note:
(1) Guaranteed by design.
(2) Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com