Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DIO60120ST5 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO60120ST5
Description  5.5 V, 2 A, 1 MHz High-Efficiency, 15 μA IQ Constant-On-Time Synchronous, Step-Down Converter
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO60120ST5 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO60120ST5 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO60120ST5 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO60120ST5 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO60120ST5 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO60120ST5 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO60120ST5 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO60120ST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO60120ST5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIO60120ST5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DIO60120
Version 1.3, Aug 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
3
2. Absolute Maximum Ratings
Exceeding the maximum ratings listed under Absolute Maximum Ratings when designing is likely to damage the
device permanently. Do not design to the maximum limits because long-time exposure to them might impact the
device’s reliability. The ratings are obtained over an operating free-air temperature range unless otherwise
specified.
Symbol
Parameter
Rating
Unit
VIN
Input voltage ( V+ ~ V-)
-0.3 ~ 6.5
V
Enable / FB voltage
-0.3 to VIN + 0.2
V
PD
Power dissipation at TA = 25°C, SOT23-5
0.6
W
TSTG
Storage temperature range
-65 ~ 150
°C
TJ
Maximum junction temperature
150
°C
TL
Maximum lead temperature
260
°C
Dynamic SW voltage in 10 ns duration
GND - 4 to VIN + 3
V
3. Recommended Operating Conditions
Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications.
The ratings are obtained over an operating free-air temperature range unless otherwise specified.
Symbol
Parameter
Rating
Unit
VIN
Input voltage ( V+ ~ V-)
2.5 ~ 5.5
V
TJ
Junction temperature range
-40 ~ 125
°C
TA
Ambient temperature range
-40 ~ 85
°C
4. ESD Ratings
When a statically-charged person or object touches an electrostatic discharge sensitive device, the electrostatic
charge might be drained through sensitive circuitry in the device. If the electrostatic discharge possesses
sufficient energy, damage might occur to the device due to localized overheating.
Model
Condition
Value
Unit
HBM
ANSI/ESDA/JEDEC:JS-001
±4000
V
CDM
ANSI/ESDA/JEDEC:JS-002
±2000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com