Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1302-BWLT Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS1302-BWLT
Description  5V/30mA Adaptive Inductorless Boost Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1302-BWLT Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS1302-BWLT Datasheet HTML 7Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 8Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 9Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 10Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 11Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 12Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 13Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 14Page - ams-OSRAM AG AS1302-BWLT Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.austriamicrosystems.com/DC-DC_Step-Up/AS1302
Revision 1.03
9 - 18
AS1302
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 26. Load Transient; Mode = 1:1,
IOUT = 30 to 10 to 30 mA
Figure 27. Load Transient; Mode = 2:3,
IOUT = 30 to 10 to 30 mA
500µs/Div
500µs/Div
Figure 28. Load Transient; Mode = 1:2,
IOUT = 30 to 10 to 30 mA
Figure 29. Load Transient; Mode = 1:2,
IOUT = 20 to 4 to 20 mA
500µs/Div
500µs/Div
Figure 30. Line Transient
Figure 31. Output Ripple
5ms/Div
10µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com