Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1916Z-T Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # AS1916Z-T
Description  Microprocessor Supervisory Circuits with Manual Reset and Watchdog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1916Z-T Datasheet(HTML) 3 Page - ams-OSRAM AG

  AS1916Z-T Datasheet HTML 1Page - ams-OSRAM AG AS1916Z-T Datasheet HTML 2Page - ams-OSRAM AG AS1916Z-T Datasheet HTML 3Page - ams-OSRAM AG AS1916Z-T Datasheet HTML 4Page - ams-OSRAM AG AS1916Z-T Datasheet HTML 5Page - ams-OSRAM AG AS1916Z-T Datasheet HTML 6Page - ams-OSRAM AG AS1916Z-T Datasheet HTML 7Page - ams-OSRAM AG AS1916Z-T Datasheet HTML 8Page - ams-OSRAM AG AS1916Z-T Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AS1916 - AS1918
Microprocessor Supervisory Circuits with Manual Reset and Watchdog
www.austriamicrosystems.com/Supervisors/AS1916
Revision 1.04
1 - 14
Datasheet
1 General Description
The AS1916 - AS1918 microprocessor supervisory circuits were
designed to generate a reset when the monitored supply voltage falls
below a factory-trimmed threshold. The reset remains asserted for a
minimum timeout period after the supply voltage stabilizes.
Guaranteed to be in the correct state for VCC higher than +1.0V,
these devices are ideal for portable and battery-powered systems
with strict monitoring requirements.
The devices feature factory-trimmed thresholds to monitor a supply
voltage between 1.8 and 3.6V.
The devices are available with the reset output types listed in Table
1.
The AS1916 - AS1918 include a manual-reset input for systems that
never fully power down the microprocessor.
Additionally, these devices feature a watchdog timer to help ensure
that the processor is operating within proper code boundaries.
The AS1916 - AS1918 are available in a 5-pin SOT23 package.
Figure 1. Typical Application Diagram
2 Key Features
VCC Supervisory Range: +1.8 to +3.6V
Guaranteed Reset Valid Down to VCC = +1.0V
Reset Timeout Delay: 215ms
Manual Reset Input
Three Reset Output Types
- Active-Low Push/Pull (AS1916)
- Active-High Push/Pull (AS1917)
- Active-Low Open-Drain (AS1918)
Watchdog Timeout Period: 1.5s
Immune to Fast Negative VCC Transients
External Components Not Required
Operating Temperature Range: -40 to +125°C
5-pin SOT23 Package
3 Applications
The devices are ideal for portable and battery-powered systems,
embedded controllers, intelligent instruments, automotive systems,
and critical CPU monitoring applications.
Table 1. Standard Products
Model
Reset Output Type
AS1916
Active-Low Push/Pull
AS1917
Active-High Push/Pull
AS1918
Active-Low Open-Drain
AS1916/
AS1918
External
Reset
CPU
I/O Supply
VCC
GND
RESETN
I/O
4
WDI
5
VCC
3
MRN
GND 2
1
RESETN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com