Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS1916V-T Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS1916V-T
Description  Microprocessor Supervisory Circuits with Manual Reset and Watchdog
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1916V-T Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS1916V-T Datasheet HTML 7Page - ams-OSRAM AG AS1916V-T Datasheet HTML 8Page - ams-OSRAM AG AS1916V-T Datasheet HTML 9Page - ams-OSRAM AG AS1916V-T Datasheet HTML 10Page - ams-OSRAM AG AS1916V-T Datasheet HTML 11Page - ams-OSRAM AG AS1916V-T Datasheet HTML 12Page - ams-OSRAM AG AS1916V-T Datasheet HTML 13Page - ams-OSRAM AG AS1916V-T Datasheet HTML 14Page - ams-OSRAM AG AS1916V-T Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
www.austriamicrosystems.com/Supervisors/AS1916
Revision 1.04
9 - 14
AS1916 - AS1918
Datasheet - Application In form atio n
9 Application Information
9.1 Watchdog Input Current
The watchdog input is driven through an internal buffer and an internal series resistor from the watchdog timer (see Figure 11 on page 8). When
pin WDI is left unconnected (watchdog disabled), the watchdog timer is serviced within the watchdog timeout period (see tWD on page 5) by a
low-high-low pulse from the counter chain.
For minimum watchdog input current (minimum overall power consumption), pull WDI low for most of the watchdog timeout period, pulsing it low-
high-low once within the first 7/8 (87.5%) of the watchdog timeout period to reset the watchdog timer.
Note:
If WDI is externally driven high for the majority of the timeout period, up to 160µA can flow into pin WDI.
9.2 Interfacing to Bi-Directional CPU Reset Pins
Since the reset output of the AS1918 is open drain, this device interfaces easily with processors that have bi-directional reset pins. Connecting
the processor reset output directly to the AS1918 RESETN pin with a single pullup resistor (see Figure 12) allows the AS1918 to assert a reset.
Figure 12. AS1918 RESETN-to-CPU Bi-Directional Reset Pin
9.3 Fast Negative-Going Transients
Fast, negative-going VCC transients normally do not require the CPU to be shutdown. The AS1916 - AS1918 are virtually immune to such
transients. Resets are issued to the CPU during power-up, powerdown, and brownout conditions.
Note:
VCC transients that go 100mV below the reset threshold and last
≤ 55µs typically will not assert a reset pulse.
9.4 Valid Reset to VCC = 0
The AS1916 - AS1918 are guaranteed to operate properly down to VCC = 1V.
For AS1916 and AS1917 applications requiring valid reset levels down to VCC = 0, a pulldown resistor to active-low outputs and a pullup resistor
to active-high outputs will ensure that the reset line is valid during the interval where the reset output can no longer sink or source current.
9.5 Watchdog Tips
Careful consideration should be taken when implementing the AS1916 - AS1918 watchdog feature.
One method of supervising software code execution is to set/reset the watchdog input at different places in the code, rather than pulsing the
watchdog input high-low-high or low-high-low. This method avoids a loop condition in which the watchdog timer would continue to be reset inside
the loop, preventing the watchdog from ever timing out.
Figure 13 shows a flowchart where the input/output driving the watchdog is set high at the beginning of the routine, set low at the beginning of
every subroutine, then set high again when the routine returns to the beginning. If the routine should hang in a subroutine, the problem would
quickly be corrected, since the I/O is continually set low and the watchdog timer is allowed to time out, causing a reset or interrupt to be issued
(see Watchdog Input Current on page 9). This method results in higher averaged WDI input current over time than a case where WDI is held low
for the majority (87.5%) of the timeout period and periodically pulsing it low-high-low.
AS1918
CPU
Reset
Generator
VCC
RESETN
GND
VCC
1
RESETN
GND 2
VCC 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com