Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS7421-ZLGT Datasheet(PDF) 39 Page - ams-OSRAM AG

Part # AS7421-ZLGT
Description  64-Channel Hyperspectral NIR Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS7421-ZLGT Datasheet(HTML) 39 Page - ams-OSRAM AG

Back Button AS7421-ZLGT Datasheet HTML 35Page - ams-OSRAM AG AS7421-ZLGT Datasheet HTML 36Page - ams-OSRAM AG AS7421-ZLGT Datasheet HTML 37Page - ams-OSRAM AG AS7421-ZLGT Datasheet HTML 38Page - ams-OSRAM AG AS7421-ZLGT Datasheet HTML 39Page - ams-OSRAM AG AS7421-ZLGT Datasheet HTML 40Page - ams-OSRAM AG AS7421-ZLGT Datasheet HTML 41Page - ams-OSRAM AG AS7421-ZLGT Datasheet HTML 42Page - ams-OSRAM AG AS7421-ZLGT Datasheet HTML 43Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Document Feedback
AS7421
Register Description
Datasheet
• PUBLIC
DS000667
• v2-00 • 2022-Oct-13
52
│ 38
10.2.11
CFG_RAM Register (Address 0x6A)
Figure 41:
CFG_RAM Register
Addr: 0x6A
CFG_RAM
Bit
Bit Name
Default
Access
Bit Description
7
REG_BANK
0
RW
Select P2RAM
4:0
RAM_OFFSET
0
RW
Offset address for programming the configuration
into the RAM. Access succeeded via the
addresses CFG_RAM_0 to CFG_RAM_31.
0x0C: SMUX for integration cycle A
0x0D: SMUX for integration cycle B
0x0E: SMUX for integration cycle C
0x0F: SMUX for integration cycle D
0x10: ASETUP for integration cycle A/B
0x11: ASETUP for integration cycle C/D
0x12: COMPDAC for modulators and integrators
Others: Reserved
10.2.12
CFG_GPIO Register (Address 0x6B)
Figure 42:
CFG_GPIO Register
Addr: 0x6B
CFG_GPIO
Bit
Bit Name
Default
Access
Bit Description
3
GPIO_INVERT
0
RW
GPIO invert
0: Input/output not inverted;
1: Input/output inverted.
2
GPIO_OEN
0
RW
GPIO output enable
0: GPIO output disabled;
1: GPIO output enabled.
1
GPIO_OUT
0
RW
GPIO output
0
GPIO_IN
0
RO
GPIO input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com