Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACTF474S Datasheet(PDF) 4 Page - Advanced Crystal Technology

Part # ACTF474S
Description  characteristics of SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACT [Advanced Crystal Technology]
Direct Link  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

ACTF474S Datasheet(HTML) 4 Page - Advanced Crystal Technology

  ACTF474S Datasheet HTML 1Page - Advanced Crystal Technology ACTF474S Datasheet HTML 2Page - Advanced Crystal Technology ACTF474S Datasheet HTML 3Page - Advanced Crystal Technology ACTF474S Datasheet HTML 4Page - Advanced Crystal Technology ACTF474S Datasheet HTML 5Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Tel
:
+44 118 979 1238
Fax :
+44 118 979 1283
Email: info@actcrystals.com
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered
-
Registration number 6830/2
For quotations or further information please contact us at:
3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
http://www.actcrystals.com
4 OF 5
5.Performance
5-1. Maximum Ratings
Rating
Value
Units
Source Power
PS
10
dBm
DC Voltage
VDC
0
V
Storage Temperature
-40 to +85
°C
Soldering Temperature
+235
°C
5-2. Electronic Characteristics
Operating temperature:
TA = -10 … +80 °C Terminating source impedance:
ZS = 50 Ω unbalanced and matching network
Terminating load impedance:
ZL = 50 Ω unbalanced and matching network
Characteristics
Minimum
Typical
Maximum
Units
Centre Frequency
fC
--
374.000
--
MHz
Minimum insertion attenuation
αmin
(including matching network)
--
8.5
10.0
dB
Bandwidth
αrel≤3 dB
BW3dB
17
22
--
MHz
Amplitude ripple (p-p)
fC±7MHz
Δα
--
0.5
1.0
dB
Group delay ripple (p-p)
fC±7MHz
Δτ
--
40
100
ns
Triple transit suppression
30
40
--
dB
Relative attenuation (relative to
αmin)
αrel
357.5 ~ 352.0 MHz
352.0 ~ 341.0 MHz
341.0 ~ 224.0 MHz
390.5 ~ 392.0 MHz
392.0 ~ 396.0 MHz
396.0 ~ 422.0 MHz
422.0 ~ 454.0 MHz
30
40
48
20
30
38
40
42
45
52
38
42
44
45
--
--
--
--
--
--
--
dB
dB
dB
dB
dB
dB
dB
Temperature coefficient of frequency
TCf
--
-87
--
ppm/K
Issue : 1 C1
Date : SEPT 04



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com