Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FA6T2AB3CFL Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # R7FA6T2AB3CFL
Description  Renesas Microcontrollers
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA6T2AB3CFL Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button R7FA6T2AB3CFL Datasheet HTML 57Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 58Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 59Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 60Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 61Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 62Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 63Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 64Page - Renesas Technology Corp R7FA6T2AB3CFL Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 101 page
background image
2.4
A/D Converter Characteristics
Table 2.34
A/D conversion characteristics (Common)
Parameter
Min
Typ
Max
Unit
Test
condi
tions
A/D conversion clock frequency(ADCLK)
25
50
60
MHz —
Successive approximation time
100
—
140
ns
—
A/D
sampling
time
Self-calibration
SAR mode
1 × tADcyc + 40
—
—
ns
—
Oversampling mode 1 × tADcyc + 40
—
—
ns
—
Hybrid mode
1 × tADcyc + 60
—
—
ns
—
Self-diagnosis
SAR mode
1 × tADcyc + 40
—
—
ns
—
Oversampling mode 1 × tADcyc + 40
—
—
ns
—
Hybrid mode
1 × tADcyc + 60
—
—
ns
—
A/D
conversion
High-
precision
high-
speed
channels
Without
channel-
dedicated
sample-
and-hold
circuits
(AN000 to
AN005)
(AN006 to
AN011)
(AN018 to
AN019)
SAR mode
1 × tADcyc + 40
—
—
ns
—
Oversampling mode 1 × tADcyc + 40
—
—
ns
—
Hybrid mode
1 × tADcyc + 60
—
—
ns
—
With
channel-
dedicated
sample-
and-hold
circuits
(AN000 to
AN005)
(AN006 to
AN011)
SAR mode
1 × tADcyc + 160
—
—
ns
—
Hybrid mode
1 × tADcyc + 160
—
—
ns
—
High-precision middle-
speed channels
(AN012 to
AN017)
SAR mode
180
—
—
ns
—
Oversampling mode 180
—
—
ns
—
Hybrid mode
180
—
—
ns
—
Normal-precision low-
speed channels
(AN020 to
AN028)
SAR mode
400
—
—
ns
—
Oversampling mode 400
—
—
ns
—
Hybrid mode
400
—
—
ns
—
Channel-
dedicated
sample-
and-hold
circuits
Sampling
time
Self-calibration
1 × tADcyc + 400
—
—
ns
—
A/D conversion
400
—
—
ns
—
Hold mode switching time
40
—
—
ns
—
Hold time
—
—
5
µs
—
Operation
stabilization
time
A/D start-up time
2.0
—
—
µs
—
Channel-dedicated sample-and-hold circuits start-up time
2.0
—
—
µs
—
A/D shut-down time
1.0
—
—
µs
—
Note:
tADcyc : ADCLK cycle
RA6T2 Datasheet
2. Electrical Characteristics
R01DS0400EJ0150 Rev.1.50
Jul 2, 2025
Page 61 of 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com