Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Q65110A2701 Datasheet(PDF) 16 Page - ams-OSRAM AG

Part # Q65110A2701
Description  Silicon PIN Photodiode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

Q65110A2701 Datasheet(HTML) 16 Page - ams-OSRAM AG

Back Button Q65110A2701 Datasheet HTML 10Page - ams-OSRAM AG Q65110A2701 Datasheet HTML 11Page - ams-OSRAM AG Q65110A2701 Datasheet HTML 12Page - ams-OSRAM AG Q65110A2701 Datasheet HTML 13Page - ams-OSRAM AG Q65110A2701 Datasheet HTML 14Page - ams-OSRAM AG Q65110A2701 Datasheet HTML 15Page - ams-OSRAM AG Q65110A2701 Datasheet HTML 16Page - ams-OSRAM AG Q65110A2701 Datasheet HTML 17Page - ams-OSRAM AG Q65110A2701 Datasheet HTML 18Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
BPW 34 SR
16 Version 1.5 | 2020-01-08
Glossary
1)
Photocurrent: The photocurrent values are measured (by irradiating the devices with a homogenous
light source and applying a voltage to the device) with a tolerance of ±11 %.
2)
Typical Values: Due to the special conditions of the manufacturing processes of semiconductor devic-
es, the typical data or calculated correlations of technical parameters can only reflect statistical figures.
These do not necessarily correspond to the actual parameters of each single product, which could dif-
fer from the typical data and calculated correlations or the typical characteristic line. If requested, e.g.
because of technical improvements, these typ. data will be changed without any further notice.
3)
Testing temperature: TA = 25°C (unless otherwise specified)
4)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.
5)
Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com